Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH08T210WAS Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T210WAS
Description  30-A, 5.5-V to 14-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/TurboTrans
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T210WAS Datasheet(HTML) 6 Page - Texas Instruments

Back Button PTH08T210WAS Datasheet HTML 2Page - Texas Instruments PTH08T210WAS Datasheet HTML 3Page - Texas Instruments PTH08T210WAS Datasheet HTML 4Page - Texas Instruments PTH08T210WAS Datasheet HTML 5Page - Texas Instruments PTH08T210WAS Datasheet HTML 6Page - Texas Instruments PTH08T210WAS Datasheet HTML 7Page - Texas Instruments PTH08T210WAS Datasheet HTML 8Page - Texas Instruments PTH08T210WAS Datasheet HTML 9Page - Texas Instruments PTH08T210WAS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
www.ti.com
1
13
12
11
4
3
2
14
5
6
7
8
9
10
PTH08T210W
SLTS262D – OCTOBER 2005 – REVISED OCTOBER 2006
PTH08T210W
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
VI
2, 6
The positive input voltage power node to the module, which is referenced to common GND.
VO
5, 9
The regulated positive power output with respect to the GND.
3, 4
This is the common ground connection for the VI and VO power connections. It is also the 0 Vdc reference for
GND
7, 8
the control inputs.
The Inhibit pin is an open-collector/drain, negative logic input that is referenced to GND. Applying a low level
ground signal to this input disables the module’s output and turns off the output voltage. When the Inhibit control
is active, the input current drawn by the regulator is significantly reduced. If the Inhibit pin is left open-circuit, the
module produces an output whenever a valid input source is applied. This input is not compatible with TTL logic
Inhibit(1)/
1
devices and should not be tied to VI or any other voltage.
UVLO adjust
This pin is also used for input undervoltage lockout (UVLO) programming. Connecting a resistor from this pin to
GND (pin 3) allows the ON threshold of the UVLO to be adjusted higher than the default value. For more
information, see the Application Information section.
A 0.1 W 1% resistor must be directly connected between this pin and pin 8 (GND) to set the output voltage to a
value higher than 0.7 V. The temperature stability of the resistor should be 100 ppm/
°C (or better). The setpoint
Vo Adjust
12
range for the output voltage is from 0.7 V to 3.6 V. If left open circuit, the output voltage will default to its lowest
value. For further information, on output voltage adjustment see the related application note. The specification
table gives the preferred resistor values for a number of standard output voltages.
The sense input allows the regulation circuit to compensate for voltage drop between the module and the load.
+ Sense
10
For optimal voltage accuracy, +Sense must be connected to VO , very close to the load.
The sense input allows the regulation circuit to compensate for voltage drop between the module and the load.
– Sense
11
For optimal voltage accuracy, –Sense must be connected to GND (pin 8), very close to the load.
This is an analog control input that enables the output voltage to follow an external voltage. This pin becomes
active typically 20 ms after the input voltage has been applied, and allows direct control of the output voltage
from 0 V up to the nominal set-point voltage. Within this range the module's output voltage follows the voltage at
the Track pin on a volt-for-volt basis. When the control voltage is raised above this range, the module regulates
Track
14
at its set-point voltage. The feature allows the output voltage to rise simultaneously with other modules powered
from the same input bus. If unused, this input should be connected to VI.
NOTE: Due to the undervoltage lockout feature, the output of the module cannot follow its own input voltage
during power up. For more information, see the related application note.
This input pin adjusts the transient response of the regulator. To activate the TurboTrans™ feature, a 1%, 50
mW resistor must be connected between this pin and pin 10 (+Sense) very close to the module. For a given
value of output capacitance, a reduction in peak output voltage deviation is achieved by using this feature. If
TurboTrans™
13
unused, this pin must be left open-circuit. External capacitance must never be connected to this pin. The
resistance requirement can be selected from the TurboTrans™ resistor table in the Application Information
section.
(1)
Denotes negative logic: Open = Normal operation, Ground = Function active
6
Submit Documentation Feedback


Similar Part No. - PTH08T210WAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T210W TI-PTH08T210W_15 Datasheet
1Mb / 31P
[Old version datasheet]   30-A, 5.5-V to 14-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/TurboTrans?
More results

Similar Description - PTH08T210WAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T210W TI-PTH08T210W_15 Datasheet
1Mb / 31P
[Old version datasheet]   30-A, 5.5-V to 14-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/TurboTrans?
PTH05T210W TI-PTH05T210W_15 Datasheet
1Mb / 31P
[Old version datasheet]   30-A, 5-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/ TURBOTRANS?
PTH05T210W TI-PTH05T210W Datasheet
887Kb / 29P
[Old version datasheet]   30-A, 5-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/ TURBOTRANS
PTV08T250W TI-PTV08T250W Datasheet
2Mb / 30P
[Old version datasheet]   50-A, 8-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT ADJUST, VERTICAL POWER MODULE w/ TurboTrans??TECHNOLOGY
PTH04T241WAD TI-PTH04T241WAD Datasheet
970Kb / 38P
[Old version datasheet]   10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH04T230W TI-PTH04T230W Datasheet
1Mb / 35P
[Old version datasheet]   6-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH04T221W TI-PTH04T221W_15 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH12040W TI-PTH12040W_15 Datasheet
570Kb / 27P
[Old version datasheet]   50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH04T260W TI-PTH04T260W Datasheet
1Mb / 35P
[Old version datasheet]   3-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH04T220W TI-PTH04T220W_15 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com