Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP1086V-L-8 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP1086V-L-8
Description  1.5A Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1086V-L-8 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP1086V-L-8 Datasheet HTML 2Page - Sipex Corporation SP1086V-L-8 Datasheet HTML 3Page - Sipex Corporation SP1086V-L-8 Datasheet HTML 4Page - Sipex Corporation SP1086V-L-8 Datasheet HTML 5Page - Sipex Corporation SP1086V-L-8 Datasheet HTML 6Page - Sipex Corporation SP1086V-L-8 Datasheet HTML 7Page - Sipex Corporation SP1086V-L-8 Datasheet HTML 8Page - Sipex Corporation SP1086V-L-8 Datasheet HTML 9Page - Sipex Corporation SP1086V-L-8 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Date: 7/25/06 Rev G
SP086 .5A Low Dropout Linear Regulator
© 2006 Sipex Corporation
Typical Performance characteristics
Figure . Output Voltage vs. Temperature
Figure 5. Maximum Power Dissipation
Figure 7. Dropout Voltage vs. Output Current
25
50
75
00
25
0.0
2.5
5.0
7.5
0.0
Case Temperature (
oC)
0. 0.2 0. 0. 0.5 0.6 0.7 0.8 0. .0 . .2 . . .5
0.5
0.6
0.7
0.8
0.

.0
.2
.
.
T
A=25
oC
T
A=0
oC
Output Current (A)
0
25
50
75
00
25
.220
.225
.20
.25
.20
.250
.255
.260
Ambient Temperature (
oC)
Figure 6. Reference Voltage vs. Temperature
0
25
50
75
00
25
.0
.5
.20
.25
.0
.5
.0
Ambient Temperature (
oC)
.2
5


Similar Part No. - SP1086V-L-8

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP1086 EXAR-SP1086 Datasheet
544Kb / 12P
   1.5A Low Dropout Linear Regulator
More results

Similar Description - SP1086V-L-8

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC8812 E-CMOS-EC8812 Datasheet
376Kb / 10P
   1.5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1086 BCDSEMI-AZ1086_07 Datasheet
200Kb / 16P
   1.5A LOW DROPOUT LINEAR REGULATOR
AZ1086D-ADJE1 BCDSEMI-AZ1086D-ADJE1_10 Datasheet
836Kb / 17P
   1.5A LOW DROPOUT LINEAR REGULATOR
AZ1086 BCDSEMI-AZ1086 Datasheet
174Kb / 2P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR3965 UTC-LR3965_15 Datasheet
446Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Exar Corporation
SP1086 EXAR-SP1086 Datasheet
544Kb / 12P
   1.5A Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3965 UTC-LR3965 Datasheet
429Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G9086 GMT-G9086 Datasheet
63Kb / 2P
   1.5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com