Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCMX02 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RCMX02
Description  Molded Metal Film High Ohmic Value Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCMX02 Datasheet(HTML) 2 Page - Vishay Siliconix

  RCMX02 Datasheet HTML 1Page - Vishay Siliconix RCMX02 Datasheet HTML 2Page - Vishay Siliconix RCMX02 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RCMX02, RCMX05, RCMX1
www.vishay.com
Vishay Sfernice
Revision: 05-Aug-13
2
Document Number: 52008
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POWER RATING
PRACTICAL OPERATING TOLERANCES
After 1000 h load life at rated power 90'/30' cycles + 70 °C
ambient temperature, the typical total drifts, measured at
+ 70 °C, are as follows:
Typical total drift = drift due to TCR (K3) + life drift 0.5 %.
Maximum deviation from rated ohmic value including ± 1 %
manufacturing tolerance
 1.5 %.
TEMPERATURE RISE
MARKING
Printed: Vishay Sfernice trademark, series, style, ohmic
value (in
), tolerance (in %), temperature coefficient,
manufacturing date. Due to lack of space RCMX02 is
printed MX02.
PERFORMANCE
ACCORDING TO CECC 40 101043
TYPICAL VALUES
AND DRIFTS
TESTS
CONDITIONS
REQUIREMENTS
Load Life at Max. Category
Temperature
1000 h at 125 °C 33 % of Pn
 ± 1 %
Insulation resistance > 1 G
± 2 % at 1000 h
Insulation resistance 106 M
Short Time Overload
2.5 Um/5 s, limited to 2 Un
 ± 0.25 %
± 0.5 %
Damp Heat Humidity
(Steady State)
10 days
with low load
 ± 1 %
Insulation resistance > 102 M
± 1.5 %
Rapid Temperature Change
- 55 °C + 125 °C
 ± 0.25 %
± 0.25 %
Climatic Sequence
- 55 °C + 125 °C
severity 1
 ± 1 %
Insulation resistance > 100 M
± 1 %
Insulation resistance 106 M
Terminal Strength
Pull - twist - 2 bends
 ± 0.25 %
± 0.05 %
Vibration
10 Hz to 500 Hz
 ± 0.25 %
± 0.05 %
Soldering (Thermal Shock)
+ 260 °C 10 s
 ± 0.25 %
± 0.1 %
Load Life
Cycle 90’/30’
1000 h at Pn at 70 °C
 ± 1 %
Insulation resistance > 1 G
± 0.5 %
Insulation resistance 106 M
Shelf Life
1 year ambient temperature
-
± 0.25 %
AMBIENT TEMPERATURE IN °C
100
50
33
0
0
30
50
70
100
125
150
RATED POWER IN W
20
25
15
10
5
0
0
0.25
0.5
0.75
1
RCMX01


Similar Part No. - RCMX02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCMX02 VISHAY-RCMX02 Datasheet
75Kb / 4P
   Molded Metal Film High Ohmic Value (to 50 Mohm) Resistors
Revision: 05-Aug-13
More results

Similar Description - RCMX02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCMX02 VISHAY-RCMX02 Datasheet
75Kb / 4P
   Molded Metal Film High Ohmic Value (to 50 Mohm) Resistors
Revision: 05-Aug-13
HVR3700003304JA100 VISHAY-HVR3700003304JA100 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
HVR3700001204JR500 VISHAY-HVR3700001204JR500 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
RCMM VISHAY-RCMM_V01 Datasheet
76Kb / 3P
   Molded Metal Film Resistors
Revision: 27-Jul-2021
RCMM VISHAY-RCMM Datasheet
142Kb / 2P
   Molded Metal Film Resistors
Revision 16-Jul-02
logo
Welwyn Components Limit...
2500 WELWYN-2500 Datasheet
87Kb / 1P
   Low Value Metal Film Resistors
logo
Vishay Siliconix
RCMS02 VISHAY-RCMS02_V01 Datasheet
83Kb / 4P
   Molded Metal Film High Stability Resistors
Revision: 27-Jul-2021
RCMS02 VISHAY-RCMS02_15 Datasheet
79Kb / 4P
   Molded Metal Film High Stability Resistors
Revision: 05-Aug-13
RCMS02 VISHAY-RCMS02 Datasheet
309Kb / 4P
   Molded Metal Film High Stability Resistors
Revision: 02-Oct-09
P0603H2002BBT VISHAY-P0603H2002BBT Datasheet
144Kb / 10P
   High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors
Revision: 19-Nov-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com