Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN2-B2H2 Datasheet(PDF) 7 Page - NEC

Part # EN2-B2H2
Description  AUTOMOTIVE RELAYS (Twin, Single) Relays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EN2-B2H2 Datasheet(HTML) 7 Page - NEC

Back Button EN2-B2H2 Datasheet HTML 3Page - NEC EN2-B2H2 Datasheet HTML 4Page - NEC EN2-B2H2 Datasheet HTML 5Page - NEC EN2-B2H2 Datasheet HTML 6Page - NEC EN2-B2H2 Datasheet HTML 7Page - NEC EN2-B2H2 Datasheet HTML 8Page - NEC EN2-B2H2 Datasheet HTML 9Page - NEC EN2-B2H2 Datasheet HTML 10Page - NEC EN2-B2H2 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
s DIMENSIONS mm (inch)
s PCB PAD LAYOUT and SCHEMATICS (bottom view) mm (inch)
Items
Contact Form
Contact Material
Contact Resistance
Contact Switching Voltage
Contact Switching Current
Contact Carrying Current
Standard
High
Operate Time (Excluding bounce)
Release Time (Excluding bounce)
Nominal Operate Power
Insulation Resistance
Breakdown Voltage
Shock Resistance
Vibration Resistance
Coil Temperature Rise
Ambient Temperature
Life Expectancy
Mechanical
Electrical
Weight
Specification
1 form C
Silver oxide complex alloy
50 M
Ω max. (measured at 7 A) initial
30 Vdc max. 5 Vdc min.
25 A max. (at 16 Vdc) 1 A min.
25 A max. (2 minutes max.) (at 12 Vdc, 85˚C)
30 A max. (2 minutes max.) (at 12 Vdc, 85˚C)
Approx. 5 ms max. (at 12 Vdc) initial
Approx. 2 ms max. (at 12 Vdc) initial, without diode
0.48 W/0.64 W (at 12 Vdc)
100 M
Ω min. (at 500 Vdc) initial
500 Vdc min. (for 1 minute) initial
98 m/s2 [Approx. 10 G] min. (misoperating)
10 to 300 Hz, 43 m/s2 [Approx. 4.4 G] min. (misoperating)
50˚C/ W (Contact Carrying Current: 0 A)
–40 to +85˚C (–40 to +185˚F)
106 operations
105 operations (at 14 Vdc, Motor Load 20 A/3 A)
Approx. 8 g
SPECIFICATIONS
at 25˚C (77˚F)
14.6
± 0.5
10.1 (0.4)
1.3
× 1.3
(0.05
× 0.05)
2-0.5
× 1.1
(0.02
× 0.04)
2- 0.6
( 0.02)
φ
φ
2.65 (0.1)
4.5
(0.18)
3.5
(0.14)
(0.59)
16.2
± 0.5
(0.64)
1
23
4
5
( 0.043)
φ
2- 1.1
+0.1
–0
φ
( 0.075)
φ
1.9
+0.1
–0
φ
( 0.059)
φ
2- 1.5
+0.1
–0
φ


Similar Part No. - EN2-B2H2

ManufacturerPart #DatasheetDescription
logo
SAB North America
EN2-1 SAB-EN2-1 Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
EN2-1/2 SAB-EN2-1/2 Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
EN2-3/4 SAB-EN2-3/4 Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
EN2-3/4R SAB-EN2-3/4R Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
EN2-3/8 SAB-EN2-3/8 Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
More results

Similar Description - EN2-B2H2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23081 MACOM-V23081 Datasheet
138Kb / 4P
   PCB relays Twin relays
logo
American Electronic Com...
DG60 AEC-DG60 Datasheet
444Kb / 3P
   Single and Twin relays
logo
NEC
EQ131000S NEC-EQ131000S Datasheet
139Kb / 12P
   AUTOMOTIVE RELAYS
logo
American Electronic Com...
DG85D-JMPR AEC-DG85D-JMPR Datasheet
159Kb / 1P
   automotive relays
logo
Kemet Corporation
ET2 KEMET-ET2 Datasheet
369Kb / 9P
   AUTOMOTIVE RELAYS
2019.4.1
logo
Willow Technologies Ltd
DG56A WILLOW-DG56A Datasheet
390Kb / 3P
   automotive relays
logo
NEC
ET2-B3M1S NEC-ET2-B3M1S Datasheet
129Kb / 12P
   AUTOMOTIVE RELAYS
logo
Willow Technologies Ltd
DG55 WILLOW-DG55 Datasheet
248Kb / 3P
   automotive relays
DG56C WILLOW-DG56C Datasheet
245Kb / 3P
   automotive relays
logo
Tyco Electronics
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com