Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3080EMN Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP3080EMN
Description  Advanced-Failsafe RS-485/RS-422 Transceiver 1/8th Unit Load, Slew-Limited, 짹15kV ESD-Protected
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3080EMN Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP3080EMN Datasheet HTML 3Page - Sipex Corporation SP3080EMN Datasheet HTML 4Page - Sipex Corporation SP3080EMN Datasheet HTML 5Page - Sipex Corporation SP3080EMN Datasheet HTML 6Page - Sipex Corporation SP3080EMN Datasheet HTML 7Page - Sipex Corporation SP3080EMN Datasheet HTML 8Page - Sipex Corporation SP3080EMN Datasheet HTML 9Page - Sipex Corporation SP3080EMN Datasheet HTML 10Page - Sipex Corporation SP3080EMN Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
Rev N 9/15/2006
SP3080E Advanced RS485 Transceiver
© Copyright 2006 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
200
225
250
275
300
325
350
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
No-Load Supply Current (uA)
DE = Vcc
DE = GND
No-load Supply Current vs Temperature
3.5
3.6
3.7
3.8
3.9
4
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Output High Voltage (V)
IOUT=8mA, V ID=-40mV
Receiver Output Low Voltage vs
Temperature
500
550
600
650
700
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Shutdown Current (nA)
Shutdown Current vs Temperature
0.1
0.15
0.2
0.25
0.3
0.35
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Output Low Voltage (V)
IOUT=8mA, V ID=-200mV
Receiver Output High Voltage vs
Temperature
70
80
90
100
110
120
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Propagation Delay (ns)
CL=15pF, VID=±2V
SP3080 Receiver Average Propagation
Delay vs Temperature
TIMING CHARACTERISTICS


Similar Part No. - SP3080EMN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3080E SIPEX-SP3080E Datasheet
756Kb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Exar Corporation
SP3080E EXAR-SP3080E Datasheet
1Mb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
SP3080E EXAR-SP3080E Datasheet
177Kb / 6P
   ADVANTAGES OF ENHANCED RECEIVER FAILSAFE FEATURES
logo
Sipex Corporation
SP3080E-3088E SIPEX-SP3080E-3088E Datasheet
756Kb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
SP3080EEN SIPEX-SP3080EEN Datasheet
756Kb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
More results

Similar Description - SP3080EMN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3080E EXAR-SP3080E Datasheet
1Mb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Sipex Corporation
SP3080E-3088E SIPEX-SP3080E-3088E Datasheet
756Kb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Exar Corporation
SP4082E EXAR-SP4082E Datasheet
412Kb / 14P
   5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
logo
STMicroelectronics
ST485E STMICROELECTRONICS-ST485E_07 Datasheet
305Kb / 19P
   짹15KV ESD protected, low power RS-485/RS-422 transceiver
8339 STMICROELECTRONICS-8339 Datasheet
303Kb / 13P
   짹15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485ER STMICROELECTRONICS-ST485ER_06 Datasheet
278Kb / 19P
   짹15KV ESD protected, Low power RS-485/RS-422 transceiver
logo
Renesas Technology Corp
ISL8487E RENESAS-ISL8487E Datasheet
750Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8487E INTERSIL-ISL8487E_06 Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com