Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS1230CDWR Datasheet(PDF) 3 Page - Texas Instruments

Part # THS1230CDWR
Description  3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1230CDWR Datasheet(HTML) 3 Page - Texas Instruments

  THS1230CDWR Datasheet HTML 1Page - Texas Instruments THS1230CDWR Datasheet HTML 2Page - Texas Instruments THS1230CDWR Datasheet HTML 3Page - Texas Instruments THS1230CDWR Datasheet HTML 4Page - Texas Instruments THS1230CDWR Datasheet HTML 5Page - Texas Instruments THS1230CDWR Datasheet HTML 6Page - Texas Instruments THS1230CDWR Datasheet HTML 7Page - Texas Instruments THS1230CDWR Datasheet HTML 8Page - Texas Instruments THS1230CDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
www.ti.com
TERMINAL FUNCTIONS
ABSOLUTE MAXIMUM RATINGS
(1)
THS1230
SLAS291B – OCTOBER 2000 – REVISED MARCH 2004
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND
1, 7
I
Analog ground
AVDD
8, 27
I
Analog supply
AIN+
5
I
Positive analog input
AIN-
6
I
Negative analog input
CLK
28
I
ADC conversion clock
CON1
2
I
Configuration input 1
CON0
3
I
Configuration input 0
DGND
19
I
Digital ground
DVDD
20
I
Digital supply
D11
12
O
ADC data bit 11
D10
13
O
ADC data bit 10
D9
14
O
ADC data bit 9
D8
15
O
ADC data bit 8
D7
16
O
ADC data bit 7
D6
17
O
ADC data bit 6
D5
18
O
ADC data bit 5
D4
21
O
ADC data bit 4
D3
22
O
ADC data bit 3
D2
23
O
ADC data bit 2
D1
24
O
ADC data bit 1
D0
25
O
ADC data bit 0
EXTREF
4
I
Reference select input (high = external, low = internal)
OVRNG
11
O
Out of range indicator (high = out of range)
OE
26
I
Output enable (high = disable, low = enable)
REFT
9
I/O
Upper ADC reference voltage
REFB
10
I/O
Lower ADC reference voltage
over operating free-air temperature range (unless otherwise noted)
UNIT
AVDD to AGND, DVDD to DGND
–0.3 V to 4 V
Supply voltage range
AGND to DGND
–0.3 V to 0.3 V
Reference voltage input range, REFT, REFB to AGND
–0.3 to AVDD + 0.3 V
Analog input voltage range, AIN+, AIN- to AGND
–0.3 to AVDD + 0.3 V
Clock input voltage range, CLK to AGND
–0.3 to AVDD + 0.3 V
Digital input voltage range, digital input to DGND
–0.3 to DVDD + 0.3 V
Digital output voltage range, digital output to DGND
–0.3 to DVDD + 0.3 V
Operating junction temperature range, TJ
–40
°C to 150°C
Storage temperature range, TSTG
– 65
°C to 150°C
Lead temperature 1,6 mm (1/16 in) from case for 10 seconds
300
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
3


Similar Part No. - THS1230CDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1230IDW TI1-THS1230IDW Datasheet
668Kb / 23P
[Old version datasheet]   3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL
THS1230IPW TI1-THS1230IPW Datasheet
668Kb / 23P
[Old version datasheet]   3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL
THS1230IPWG4 TI1-THS1230IPWG4 Datasheet
668Kb / 23P
[Old version datasheet]   3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL
THS1230 TI1-THS1230_15 Datasheet
668Kb / 23P
[Old version datasheet]   3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL
More results

Similar Description - THS1230CDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1215 TI-THS1215 Datasheet
368Kb / 22P
[Old version datasheet]   3.3-V, 12-BIT, 15 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
THS1230 TI1-THS1230_15 Datasheet
668Kb / 23P
[Old version datasheet]   3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL
THS1215 TI1-THS1215_15 Datasheet
744Kb / 22P
[Old version datasheet]   3.3-V, 12-BIT, 15 MSPS, LOW-POWER ANALOG-TO-DIGITAL
TLV5618A-EP TI1-TLV5618A-EP Datasheet
395Kb / 17P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A Datasheet
458Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A_06 Datasheet
446Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI1-TLV5618A_16 Datasheet
1,017Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618AQDG4 TI-TLV5618AQDG4 Datasheet
991Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com