Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5052 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5052
Description  Current-Mode PWM Controllers with an Error Amplifier for Isolated/Nonisolated Power Supplies
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5052 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5052 Datasheet HTML 2Page - Maxim Integrated Products MAX5052 Datasheet HTML 3Page - Maxim Integrated Products MAX5052 Datasheet HTML 4Page - Maxim Integrated Products MAX5052 Datasheet HTML 5Page - Maxim Integrated Products MAX5052 Datasheet HTML 6Page - Maxim Integrated Products MAX5052 Datasheet HTML 7Page - Maxim Integrated Products MAX5052 Datasheet HTML 8Page - Maxim Integrated Products MAX5052 Datasheet HTML 9Page - Maxim Integrated Products MAX5052 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Detailed Description
The MAX5052/MAX5053 are current-mode PWM con-
trollers that have been specifically designed for use in
isolated and nonisolated power-supply applications. A
bootstrap UVLO with a large hysteresis (11.9V), very
low startup current, and low operating current result in
efficient universal-input power supplies. In addition to
the internal bootstrap UVLO, these devices also offer
programmable input startup voltage programmed
through the UVLO/EN pin. This feature is useful in pre-
venting the power supply from entering a brownout
condition, in case the input voltage drops below its
minimum value. This is important since switching power
supplies increases their input supply current as the
input voltage drops in order to keep the output power
constant. The MAX5052 is well suited for universal input
(rectified 85VAC to 265VAC) or telecom (-36VDC to
-72VDC) power supplies. The MAX5053 is well suited for
low-input-voltage (10.8VDC to 24VDC) power supplies.
Power supplies designed with the MAX5052 use a
high-value startup resistor, R1, that charges a reservoir
capacitor, C1 (see Figure 1). During this initial period,
while the voltage is less than the internal bootstrap
UVLO threshold, the device typically consumes only
45µA of quiescent current. This low startup current and
the large bootstrap UVLO hysteresis helps to minimize
Current-Mode PWM Controllers with an Error
Amplifier for Isolated/Nonisolated Power Supplies
6
_______________________________________________________________________________________
Pin Description
NDRV OUTPUT IMPEDANCE
vs. TEMPERATURE
TEMPERATURE (°C)
60
40
20
0
-20
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
3.0
-40
80
VIN = 24V
SOURCING 20mA
ERROR AMP OPEN-LOOP GAIN
AND PHASE vs. FREQUENCY
MAX5052 toc20
FREQUENCY (Hz)
10M
1M
10k
1k
100k
10
100
1
-80
-60
-20
-40
0-70
20
60
40
80
100
120
-100
-150
-130
-90
-110
-50
-10
-30
10
30
50
-170
0.1
100M
GAIN
PHASE
Typical Operating Characteristics (continued)
(UVLO = +1.4V, VFB = +1V, VCOMP = floating, VCS = 0V, TA = +25°C, unless otherwise noted.)
PIN
NAME
FUNCTION
1
UVLO/EN
Externally Programmable Undervoltage Lockout. UVLO programs the input start voltage. Connect UVLO to
GND to disable the device.
2FB
Error-Amplifier Inverting Input
3
COMP
Error-Amplifier Output
4CS
Current-Sense Connection for PWM Regulation and Overcurrent Protection. Connect to high side of sense
resistor. An RC filter may be necessary to eliminate leading-edge spikes.
5
GND
Power-Supply Ground
6
NDRV
External N-Channel MOSFET Gate Connection
7VCC
Gate-Drive Supply. Internally regulated down from VIN. Decouple with a 10nF or larger capacitor to GND.
8VIN
IC Supply. Decouple with a 10nF or larger capacitor to GND. For bootstrapped operation (MAX5052)
connect a startup resistor from the input supply line to VIN. Connect the bias winding supply to this point as
well (see the Typical Operating Circuit). For the MAX5053, connect VIN directly to 10.8V to 24V supply.


Similar Part No. - MAX5052

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5052A MAXIM-MAX5052A Datasheet
229Kb / 8P
   fully assembled and tested circuit board
Rev 1; 8/05
MAX5052AEVKIT MAXIM-MAX5052AEVKIT Datasheet
229Kb / 8P
   fully assembled and tested circuit board
Rev 1; 8/05
More results

Similar Description - MAX5052

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5021 MAXIM-MAX5021 Datasheet
240Kb / 11P
   Current-Mode PWM Controllers for Isolated Power Supplies
19-2066; Rev 1; 9/01
MAX5014 MAXIM-MAX5014 Datasheet
319Kb / 14P
   Current-Mode PWM Controllers with Integrated Startup Circuit for Isolated Power Supplies
Rev 0; 7/01
MAX8540 MAXIM-MAX8540 Datasheet
328Kb / 16P
   Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies
19-2830; Rev 0; 4/03
MAX5975A MAXIM-MAX5975A Datasheet
2Mb / 20P
   Current-Mode PWM Controllers with Frequency Dithering for EMI-Sensitive Power Supplies
Rev 0; 9/10
MAX5974E MAXIM-MAX5974E_V01 Datasheet
1Mb / 22P
   Current-Mode PWM Controllers for Low-Cost Flyback Supplies
2013
logo
ON Semiconductor
NCP1253 ONSEMI-NCP1253_12 Datasheet
308Kb / 15P
   Current-Mode PWM Current-Mode PWM Power Supplies
January, 2012 ??Rev. 0
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com