![]() |
Electronic Components Datasheet Search |
|
MAX5052 Datasheet(PDF) 5 Page - Maxim Integrated Products |
|
MAX5052 Datasheet(HTML) 5 Page - Maxim Integrated Products |
5 / 13 page ![]() Current-Mode PWM Controllers with an Error Amplifier for Isolated/Nonisolated Power Supplies _______________________________________________________________________________________ 5 CURRENT-LIMIT TRIP THRESHOLD CURRENT-LIMIT TRIP THRESHOLD (mV) 310 300 290 280 270 5 10 15 20 25 30 0 260 320 TOTAL NUMBER OF DEVICES = 200 SWITCHING FREQUENCY vs. TEMPERATURE TEMPERATURE (°C) 60 40 20 0 -20 245 260 265 255 250 275 270 280 240 -40 80 +3σ -3σ MEAN TOTAL NUMBER OF DEVICES = 100 SWITCHING FREQUENCY SWITCHING FREQUENCY (kHz) 280 270 260 250 240 5 10 15 20 25 30 0 230 290 TOTAL NUMBER OF DEVICES = 200 PROPAGATION DELAY FROM CURRENT-LIMIT COMPARATOR INPUT TO NDRV vs. TEMPERATURE TEMPERATURE (°C) 60 40 20 0 -20 55 60 65 70 75 50 -40 80 UVLO/EN PROPAGATION DELAY vs. TEMPERATURE TEMPERATURE (°C) 60 40 20 0 -20 4 3 2 1 7 6 5 13 12 11 10 9 8 14 0 -40 80 UVLO/EN RISING UVLO/EN FALLING REFERENCE VOLTAGE vs. TEMPERATURE TEMPERATURE (°C) 60 40 20 0 -20 1.226 1.227 1.228 1.229 1.230 1.225 -40 80 VIN = 12V INPUT CURRENT vs. INPUT CLAMP VOLTAGE INPUT VOLTAGE (V) 27.5 25.0 20.0 22.5 15.0 17.5 12.5 1 2 3 4 5 6 7 8 9 10 0 10.0 30.0 INPUT CLAMP VOLTAGE vs. TEMPERATURE TEMPERATURE (°C) 60 40 20 0 -20 25.2 25.4 25.6 25.8 26.0 26.2 26.4 26.6 26.8 27.0 25.0 -40 80 IIN = 2mA NDRV OUTPUT IMPEDANCE vs. TEMPERATURE TEMPERATURE (°C) 60 40 20 0 -20 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 1.2 -40 80 VIN = 24V SINKING 100mA Typical Operating Characteristics (continued) (UVLO = +1.4V, VFB = +1V, VCOMP = floating, VCS = 0V, TA = +25°C, unless otherwise noted.) |