Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5052 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX5052
Description  Current-Mode PWM Controllers with an Error Amplifier for Isolated/Nonisolated Power Supplies
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX5052 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5052 Datasheet HTML 1Page - Maxim Integrated Products MAX5052 Datasheet HTML 2Page - Maxim Integrated Products MAX5052 Datasheet HTML 3Page - Maxim Integrated Products MAX5052 Datasheet HTML 4Page - Maxim Integrated Products MAX5052 Datasheet HTML 5Page - Maxim Integrated Products MAX5052 Datasheet HTML 6Page - Maxim Integrated Products MAX5052 Datasheet HTML 7Page - Maxim Integrated Products MAX5052 Datasheet HTML 8Page - Maxim Integrated Products MAX5052 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX5052/MAX5053 current-mode PWM controllers
contain all the control circuitry required for the design of
wide-input-voltage isolated and nonisolated power
supplies. The MAX5052 is well suited for universal input
(rectified 85VAC to 265VAC) or telecom (-36VDC to
-72VDC) power supplies. The MAX5053 is well suited for
low-input-voltage (10.8VDC to 24VDC) power supplies.
The MAX5052/MAX5053 contain an internal error ampli-
fier that regulates the tertiary winding output voltage.
This implements a primary-side regulated, isolated
power supply, eliminating the need for an optocoupler.
An input undervoltage lockout (UVLO) is provided for
programming the input-supply start voltage and to
ensure proper operation during brownout conditions.
The input-supply start voltage is externally programma-
ble with a voltage-divider. To shutdown the device, the
UVLO pin is pulled low. Internal digital soft-start
reduces output voltage overshoot. The internal thermal
shutdown circuit protects the device in the event the
junction temperature exceeds +130°C.
The MAX5052 has an internal bootstrap UVLO with
large hysteresis that requires a minimum voltage of
23.6V for startup. The MAX5053 does not have the
internal bootstrap UVLO and can be biased directly
from a minimum voltage of 10.8V.
The 262kHz switching frequency is internally trimmed to
±12% accuracy; this allows the optimization of the
magnetic and filter components resulting in compact,
cost-effective power supplies. The MAX5052A/
MAX5053A are offered with a 50% maximum duty-cycle
limit. The MAX5052B/MAX5053B are offered with a 75%
maximum duty-cycle limit. These devices are available
in 8-pin µMAX packages and operate over the -40°C to
+85°C temperature range.
Applications
Features
♦ Available in a Tiny 8-Pin µMAX Package
♦ Current-Mode Control
♦ 50W Output Power
♦ Universal Offline Input Voltage Range
Rectified 85VAC to 265VAC (MAX5052)
♦ VIN Directly Driven from 10.8V to 24V Input
(MAX5053)
♦ Digital Soft-Start
♦ Programmable Input Startup Voltage
♦ Internal Bootstrap UVLO with Large Hysteresis
(MAX5052)
♦ Internal Error Amplifier with 1% Accurate
Reference
♦ Thermal Shutdown
♦ 45µA (typ) Startup Supply Current
♦ 1.4mA (typ) Operating Supply Current
♦ Fixed Switching Frequency of 262kHz ±12%
♦ 50% Maximum Duty-Cycle Limit
(MAX5052A/MAX5053A)
♦ 75% Maximum Duty-Cycle Limit
(MAX5052B/MAX5053B)
♦ 60ns Cycle-by-Cycle Current-Limit Response Time
Current-Mode PWM Controllers with an Error
Amplifier for Isolated/Nonisolated Power Supplies
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2590; Rev 1; 11/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Functional Diagram/Typical Operating Circuit/Selector
Guide appear at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX5052AEUA
-40°C to +85°C
8 µMAX
MAX5052BEUA
-40°C to +85°C
8 µMAX
MAX5053AEUA
-40°C to +85°C
8 µMAX
MAX5053BEUA
-40°C to +85°C
8 µMAX
NDRV
GND
CS
1
2
8
7
VIN
VCC
FB
COMP
UVLO/EN
µMAX
TOP VIEW
3
4
6
5
MAX5052
MAX5053
Pin Configuration
Warning: The MAX5052/MAX5053 are designed to work with
high voltages. Exercise caution.
Universal Input AC
Power Supplies
Isolated Telecom Power
Supplies
Networking Systems
Computer Systems/
Servers
Industrial Power
Conversion
Isolated Keep-Alive
Circuits
12V Boost Regulators
12V SEPIC Regulators
EVALUATION
KIT
AVAILABLE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn