Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72T51333 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT72T51333
Description  2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T51333 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT72T51333 Datasheet HTML 3Page - Integrated Device Technology IDT72T51333 Datasheet HTML 4Page - Integrated Device Technology IDT72T51333 Datasheet HTML 5Page - Integrated Device Technology IDT72T51333 Datasheet HTML 6Page - Integrated Device Technology IDT72T51333 Datasheet HTML 7Page - Integrated Device Technology IDT72T51333 Datasheet HTML 8Page - Integrated Device Technology IDT72T51333 Datasheet HTML 9Page - Integrated Device Technology IDT72T51333 Datasheet HTML 10Page - Integrated Device Technology IDT72T51333 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
7
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72T51333/72T51343/72T51353 2.5V, MULTI-QUEUE FLOW-CONTROL DEVICES
(8 QUEUES) 18 BIT WIDE CONFIGURATION 589,824, 1,179,648 and 2,359,296 bits
PIN DESCRIPTIONS (CONTINUED)
Symbol &
Name
I/O TYPE
Description
Pin No.
FSTR
PAFn Flag Bus
LVTTL
addressed via the WRADD bus is selected on the rising edge of WCLK provided that FSTR is HIGH. If
(Continued)
Strobe
INPUT
Polled operations has been selected, FSTR should be tied inactive, LOW. Note, that a
PAFn flag bus
(R4)
selectioncannotbemade,(FSTRmustNOTgoactive)untilprogrammingoftheparthasbeencompleted
and
SENO has gone LOW.
FSYNC
PAFn Bus Sync
LVTTL
FSYNC is an output from the multi-queue device that provides a synchronizing pulse for the
PAFn bus
(R3)
OUTPUT
during Polled operation of the
PAFn bus. During Polled operation each device's queue status flags is
loaded on to the
PAFn bus outputs sequentially based on WCLK. The first WCLK rising edge loads
device 1 on to
PAFn, the second WCLK rising edge loads device 2 and so on. During the WCLK cycle
that selected device is placed on to the
PAFn bus, the FSYNC output will be HIGH.
FXI
PAFn Bus
LVTTL
The FXI input is used when multi-queue devices are connected in expansion mode and Polled
PAFn
(T2)
Expansion In
INPUT
bus operation has been selected . FXI of device ‘N’ connects directly to FXO of device ‘N-1’. The FXI
receives a token from the previous device in a chain. In single device mode the FXI input must be tied
LOW if the
PAFnbusisoperatedindirectmode.IfthePAFnbusisoperatedinpolledmodetheFXIinput
must be connected to the FXO output of the same device. In expansion mode the FXI of the first device
should be tied LOW, when direct mode is selected.
FXO
PAFn Bus
LVTTL
FXO is an output that is used when multi-queue devices are connected in expansion mode and Polled
(T3)
Expansion Out
OUTPUT
PAFn bus operation has been selected . FXO of device ‘N’ connects directly to FXI of device ‘N+1’. This
pin pulses when device N places its
PAE onto the PAFnbuswithrespecttoWCLK.Thispulse(token)is
then passed on to the next device in the chain ‘N+1’ and on the next WCLK rising edge the first quadrant
of device N+1 will be loaded on to the
PAFn bus. This continues through the chain and FXO of the last
deviceisthenloopedbacktoFXIofthefirstdevice.TheFSYNCoutputofeachdeviceinthechainprovides
synchronization to the user of this looping event.
ID[2:0](1)
Device ID Pins
HSTL-LVTTL For the 8Q multi-queue device the WRADD and RDADD address busses are 6 bits wide. When a queue
ID2-C9
INPUT
selection takes place the 3 MSb’s of this 8 bit address bus are used to address the specific device (the
ID1-A10
3 LSb’s are used to address the queue within that device). During write/read operations the 3 MSb’s
ID0-B10
of the address are compared to the device ID pins. The first device in a chain of multi-queue’s (connected
in expansion mode), may be setup as ‘000’, the second as ‘001’ and so on through to device 8 which
is ‘111’, however the ID does not have to match the device order. In single device mode these pins should
be setup as ‘000’ and the 3 MSb’s of the WRADD and RDADD address busses should be tied LOW. The
ID[2:0] inputs setup a respective devices ID during master reset. These ID pins must not toggle during
any device operation. Note, the device selected as the ‘Master’ does not have to have the ID of ‘000’.
IOSEL
IO Select
LVTTL
This pin is used to select either HSTL or 2.5V LVTTL operation for the I/O. If HSTL or eHSTL I/O are
(C8)
INPUT
required then IOSEL should be tied HIGH. If LVTTL I/O are required then it should be tied LOW.
IW(1)
InputWidth
LVTTL
IW selects the bus width for the data input bus. If IW is LOW during a Master Reset then the bus width
(L15)
INPUT
is x18, if HIGH then it is x9.
MAST(1)
Master Device
HSTL-LVTTL ThestateofthisinputatMasterResetdetermineswhetheragivendevice(withinachainofdevices), isthe
(K15)
INPUT
Master device or a Slave. If this pin is HIGH, the device is the master if it is LOW then it is a Slave. The
master device is the first to take control of all outputs after a master reset, all slave devices go to High-
Impedance, preventing bus contention. If a multi-queue device is being used in single device mode, this
pin must be set HIGH.
MRS
Master Reset
HSTL-LVTTL A master reset is performed by taking
MRSfromHIGHtoLOW,toHIGH.Deviceprogrammingisrequired
(T9)
INPUT
aftermasterreset.
NULL-Q
Null Queue
HSTL-LVTTL This pin is used on the read port when a Null-Q is required, it is used in conjunction with the RDADD
(J2)
Select
INPUT
and RADEN address bus to address the Null-Q.
OE
OutputEnable
HSTL-LVTTL TheOutputenablesignalisanAsynchronoussignalusedtoprovidethree-statecontrolofthemulti-queue
(M14)
INPUT
data output bus, Qout. If a device has been configured as a “Master” device, the Qout data outputs will
be in a Low Impedance condition if the
OE inputisLOW.IfOE isHIGHthentheQoutdataoutputswillbe
in High Impedance. If a device is configured a “Slave” device, then the Qout data outputs will always be
inHighImpedanceuntilthatdevicehasbeenselectedontheReadPort,atwhichpoint
OEprovidesthree-
state of that respective device.


Similar Part No. - IDT72T51333

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T51233 IDT-IDT72T51233 Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L5BB IDT-IDT72T51233L5BB Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L5BBI IDT-IDT72T51233L5BBI Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L6BB IDT-IDT72T51233L6BB Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L6BBI IDT-IDT72T51233L6BBI Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
More results

Similar Description - IDT72T51333

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T51236 IDT-IDT72T51236 Datasheet
606Kb / 62P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T51233 IDT-IDT72T51233 Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51546 IDT-IDT72T51546 Datasheet
610Kb / 64P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
logo
Renesas Technology Corp
IDT72V51236 RENESAS-IDT72V51236 Datasheet
650Kb / 57P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION
JUNE 2003
logo
Integrated Device Techn...
IDT72T51543 IDT-IDT72T51543 Datasheet
539Kb / 57P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 18 BIT WIDE CONFIGURATION
logo
Renesas Technology Corp
IDT72V51436 RENESAS-IDT72V51436 Datasheet
673Kb / 58P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (16 QUEUES) 36 BIT WIDE CONFIGURATION
JUNE 2003
IDT72V51233 RENESAS-IDT72V51233 Datasheet
662Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V51233 IDT-IDT72V51233 Datasheet
464Kb / 50P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
logo
Renesas Technology Corp
IDT72V51433 RENESAS-IDT72V51433 Datasheet
594Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (16 QUEUES) 18 BIT WIDE CONFIGURATION
JUNE 2003
logo
Integrated Device Techn...
IDT72T6360 IDT-IDT72T6360 Datasheet
483Kb / 51P
   2.5V SEQUENTIAL FLOW-CONTROL DEVICE 36 BIT WIDE CONFIGURATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com