Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5241 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT5241
Description  Catalyst Semiconductor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5241 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT5241 Datasheet HTML 3Page - Catalyst Semiconductor CAT5241 Datasheet HTML 4Page - Catalyst Semiconductor CAT5241 Datasheet HTML 5Page - Catalyst Semiconductor CAT5241 Datasheet HTML 6Page - Catalyst Semiconductor CAT5241 Datasheet HTML 7Page - Catalyst Semiconductor CAT5241 Datasheet HTML 8Page - Catalyst Semiconductor CAT5241 Datasheet HTML 9Page - Catalyst Semiconductor CAT5241 Datasheet HTML 10Page - Catalyst Semiconductor CAT5241 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
5
w w w . c a t s e m i . c o m
ALO
GENFR
TM
LEAD FREE
CAT4237
High Voltage CMOS Boost White LED Driver
CAT310
Automotive 10-Channel Serial Latched LED Driver
w h i t e l e d d r i v e r s
Features
drives 8 white LEDs in series from 3V
low quiescent ground current 0.3mA
power efficiency over 84%
adjustable output current (up to 40mA)
high-frequency 1MHz operation
high voltage power switch
shutdown current less than 1 µA
load fault protection against open-circuits
tight line/load regulation
Package Information
thin SOT23 5-lead (1mm max height)
Featured Products
CAT4237
VIN
SHDN
FB
VFB = 300mV
D1
20mA
C1
SW
GND
3V to 4.2V
VIN
White
LEDs
VOUT
L
Features
output drivers withstand load-dump transients up to 40V
operates over automotive temperature range:-40 to +125°C
drives 10 LEDs in parallel at 50mA per channel
output channels can drive a combination of white or color LEDs
serial output allows cascading of multiple CAT310’s to drive
greater than 10 LEDs
operating voltage up to 17V
simple LED pattern programming through the 10 MHz serial
interface
blank pin provides global on/off control of all LEDs
under Voltage Lockout
over Voltage Protection
Package Information
20-lead SOIC
CAT310
+
-
VBATT
VCC
SCLK
XLAT
BLANK
SIN
OUT0
OUT1
OUT2
OUT9
SOUT
VCC
5V
GND
PGND
VBATTERY = 14V (typical)
VBATT
+
-
RS
RS
RS
RS
Controller
30mA
C1


Similar Part No. - CAT5241

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5241 CATALYST-CAT5241 Datasheet
111Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
CAT5241 CATALYST-CAT5241 Datasheet
301Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5241 ONSEMI-CAT5241 Datasheet
250Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. R
logo
Catalyst Semiconductor
CAT5241JI-00 CATALYST-CAT5241JI-00 Datasheet
111Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
CAT5241JI-10 CATALYST-CAT5241JI-10 Datasheet
111Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
More results

Similar Description - CAT5241

ManufacturerPart #DatasheetDescription
logo
Cisco Systems, Inc.
9200 CISCO-9200 Datasheet
1Mb / 54P
   Cisco Catalyst 9200 Series Switches
2023
9500 CISCO-9500 Datasheet
1Mb / 52P
   Cisco Catalyst 9500 Series Switches
2023
9300 CISCO-9300 Datasheet
3Mb / 74P
   Cisco Catalyst 9300 Series Switches
2023
9400 CISCO-9400 Datasheet
583Kb / 22P
   Cisco Catalyst 9400 Series Switch
2023
9800-80 CISCO-9800-80 Datasheet
947Kb / 23P
   Cisco Catalyst 9800-80 Wireless Controller
2022
9130AX CISCO-9130AX Datasheet
1Mb / 17P
   Cisco Catalyst 9130AX Series Access Points
2023
9124AX CISCO-9124AX Datasheet
2Mb / 23P
   Cisco Catalyst 9124AX Series Access Points
2023
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com