Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

THS8083T Datasheet(PDF) 5 Page - Texas Instruments

Part No. THS8083T
Description  Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
Download  61 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

THS8083T Datasheet(HTML) 5 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
v
5
Electrical Specification
5–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.1
Definition of Test Conditions
5–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.2
Absolute Maximum Ratings Over Operating Free-Air
Temperature Range
5–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.3
Recommended Operating Conditions Over Operating Free-Air
Temperature Range, TA = 0°C to 70°C5–2
. . . . . . . . . . . . . . . . . . . . . . . . .
5.3.1
Power Supply
5–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.3.2
Analog and Reference Inputs
5–2
. . . . . . . . . . . . . . . . . . . . . . . . .
5.3.3
Digital Inputs
5–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.4
Electrical Characteristics Over Recommended Operating
Free-Air Temperature Range, TA = 0°C to 70°C
5–3
. . . . . . . . . . . . . . . . .
5.4.1
Power Supply
5–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.4.2
Digital Logic Inputs (HS, VS, SCL, SDA, I2CA,
XTL1_MCLK, EXT_ADCCLK, OE, RESET, EXT_CLP)
5–3
. . .
5.4.3
Logic Outputs (SDA, CHn_OUTA[7..0], CHn_OUTB[7..0],
DTOCLK3, ADCCLK2, DATACLK1, DHS, LOCK)
5–3
. . . . . . .
5.4.4
I2C Interface
5–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.4.5
ADC Channel
5–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.4.6
Coarse PGA
5–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.4.7
Fine PGA
5–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.4.8
Output Formatter/Timing Requirements
5–6
. . . . . . . . . . . . . . . .
5.4.9
PLL
5–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.4.10
Typical Plots
5–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6
Application Information
6–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.1
Designing With PowerPAD
t
6–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7
Mechanical Data
7–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Appendix A
A–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
A.1
PLL Formula and Register Settings
A–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . .


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn