Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT9552 Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT9552
Description  Catalyst Semiconductor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT9552 Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT9552 Datasheet HTML 7Page - Catalyst Semiconductor CAT9552 Datasheet HTML 8Page - Catalyst Semiconductor CAT9552 Datasheet HTML 9Page - Catalyst Semiconductor CAT9552 Datasheet HTML 10Page - Catalyst Semiconductor CAT9552 Datasheet HTML 11Page - Catalyst Semiconductor CAT9552 Datasheet HTML 12Page - Catalyst Semiconductor CAT9552 Datasheet HTML 13Page - Catalyst Semiconductor CAT9552 Datasheet HTML 14Page - Catalyst Semiconductor CAT9552 Datasheet HTML 15Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
9
w w w . c a t s e m i . c o m
ALO
GENFR
TM
LEAD FREE
µ P s u p e r v i s o r y c i r c u i t s
Featured Products
Features
6 µA power supply current
pin compatible with MAX809,810,811 and 812
offered in two output configurations:
- push-pull RESET,active LOW (CAT809 and CAT811)
- push-pull RESET,active HIGH (CAT810 and CAT812)
power supply transient immunity
manual reset (MR) (CAT811 / CAT812 only)
precision monitoring of 5.0 V,3.3 V,3.0 V and
2.5 V power supplies
reset valid down to VCC = 1.0V
custom reset threshold voltage offered
Package Information
3-pin SOT23 (CAT809 / CAT810)
3-pin SC70 (CAT809 / CAT810)
4-pin SOT143 (CAT811 / CAT812)
CAT809 / CAT810 / CAT811 / CAT812
3-Pin/4-Pins Microprocessor Power Supply Supervisors
Features
power-up,power-down and brownout protection
watchdog timer
- selectable watchdog period
- 150ms,600ms or 1.2 sec
selectable reset voltage tolerance
- 5% or 10%
two reset outputs
- active low,open-drain reset output
- active high,push-pull reset output
debounced manual push-button reset
pin compatible with DS1232 and DS1232LP
Package Information
8-pin DIP
8-pin & 16-pin SOIC
8-pin MSOP
CAT1232LP
5 V µP Supply Voltage Monitor and µP Reset Circuit
CAT809
SUPERVISOR
MICROCONTROLLER
CATALYST
EEPROM
MEMORY
RESET
SIGNAL
SUPPLY VOLTAGE
PBRST
5V
TD
ST
VCC
TOL
MICROCONTROLLER
RESET
RESET
GND
RESET
I/O
MANUAL
RESET
CAT1232LP


Similar Part No. - CAT9552

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT9552 ONSEMI-CAT9552 Datasheet
414Kb / 18P
   16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev D
CAT9552HT6I-G ONSEMI-CAT9552HT6I-G Datasheet
414Kb / 18P
   16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev D
CAT9552HT6I-GT2 ONSEMI-CAT9552HT6I-GT2 Datasheet
414Kb / 18P
   16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev D
CAT9552HV6I-G ONSEMI-CAT9552HV6I-G Datasheet
192Kb / 17P
   16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev B
CAT9552HV6I-G ONSEMI-CAT9552HV6I-G Datasheet
414Kb / 18P
   16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev D
More results

Similar Description - CAT9552

ManufacturerPart #DatasheetDescription
logo
Cisco Systems, Inc.
9200 CISCO-9200 Datasheet
1Mb / 54P
   Cisco Catalyst 9200 Series Switches
2023
9500 CISCO-9500 Datasheet
1Mb / 52P
   Cisco Catalyst 9500 Series Switches
2023
9300 CISCO-9300 Datasheet
3Mb / 74P
   Cisco Catalyst 9300 Series Switches
2023
9400 CISCO-9400 Datasheet
583Kb / 22P
   Cisco Catalyst 9400 Series Switch
2023
9800-80 CISCO-9800-80 Datasheet
947Kb / 23P
   Cisco Catalyst 9800-80 Wireless Controller
2022
9130AX CISCO-9130AX Datasheet
1Mb / 17P
   Cisco Catalyst 9130AX Series Access Points
2023
9124AX CISCO-9124AX Datasheet
2Mb / 23P
   Cisco Catalyst 9124AX Series Access Points
2023
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com