Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR111AIDRCT Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # XTR111AIDRCT
Description  Precision Voltage-to-Current Converter/Transmitter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

XTR111AIDRCT Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button XTR111AIDRCT Datasheet HTML 5Page - Burr-Brown (TI) XTR111AIDRCT Datasheet HTML 6Page - Burr-Brown (TI) XTR111AIDRCT Datasheet HTML 7Page - Burr-Brown (TI) XTR111AIDRCT Datasheet HTML 8Page - Burr-Brown (TI) XTR111AIDRCT Datasheet HTML 9Page - Burr-Brown (TI) XTR111AIDRCT Datasheet HTML 10Page - Burr-Brown (TI) XTR111AIDRCT Datasheet HTML 11Page - Burr-Brown (TI) XTR111AIDRCT Datasheet HTML 12Page - Burr-Brown (TI) XTR111AIDRCT Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
XTR111
SBOS375 − NOVEMBER 2006
www.ti.com
9
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VVSP = +24V, unless otherwise noted.
STEP RESPONSE: V
FS =4V, RSET =2kΩ,RLD =600Ω
(Rising Edge Depends on CGATE at VG Pin)
5V/div
5V/div
10
µs/div
Photo taken with C
GATE = 130pF
STEP RESPONSE: V
FS =2.5V, RSET =1.25kΩ,RLD = 600Ω
(Rising Edge Depends on C
GATE at VG Pin)
10V/div
2V/div
10
µs/div
Photo taken with C
GATE =130pF
REGULATOR LOAD TRANSIENT
(V
REG Gain = 1V, VREGF =3V, CL = 470nF
I
LOAD =3mA ± 0.3mA)
10mV/div
1V/div
40
µs/div
REGULATOR LOAD TRANSIENT
(V
REG Gain = 4V, VREGF =12V,CL = 470nF,
I
LOAD =3mA ±0.3mA)
2V/div
10mV/div
40
µs/div
−75
−50
Temperature (
_C)
MAXIMUM REGULATOR CURRENT vs TEMPERATURE
125
29
27
25
23
21
19
17
15
−25
0
25
50
75
100


Similar Part No. - XTR111AIDRCT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR111AIDRCT BURR-BROWN-XTR111AIDRCT Datasheet
562Kb / 27P
   Precision Voltage-to-Current Converter/Transmitter
logo
Texas Instruments
XTR111AIDRCT TI1-XTR111AIDRCT Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111AIDRCT TI-XTR111AIDRCT Datasheet
1Mb / 14P
[Old version datasheet]   XTR111 Demonstration Fixture Users Guide
Revised April 2013
logo
Burr-Brown (TI)
XTR111AIDRCTG4 BURR-BROWN-XTR111AIDRCTG4 Datasheet
562Kb / 27P
   Precision Voltage-to-Current Converter/Transmitter
logo
Texas Instruments
XTR111AIDRCTG4 TI1-XTR111AIDRCTG4 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
More results

Similar Description - XTR111AIDRCT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR110 BURR-BROWN-XTR110 Datasheet
148Kb / 9P
   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
logo
Texas Instruments
XTR110 TI1-XTR110 Datasheet
825Kb / 19P
[Old version datasheet]   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
XTR111 TI1-XTR111_16 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111AIDGQR TI-XTR111AIDGQR Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111_14 Datasheet
1Mb / 33P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111_07 Datasheet
562Kb / 27P
   Precision Voltage-to-Current Converter/Transmitter
ALD1000 BURR-BROWN-ALD1000 Datasheet
153Kb / 14P
   Precision Programmable CURRENT/VOLTAGE TRANSMITTER
logo
Microchip Technology
TC1047 MICROCHIP-TC1047_13 Datasheet
168Kb / 12P
   Precision Temperature-to-Voltage Converter
11/29/12
TC962 MICROCHIP-TC962_05 Datasheet
468Kb / 12P
   Precision Temperature-to-Voltage Converter
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com