Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR111AIDRCR Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # XTR111AIDRCR
Description  Precision Voltage-to-Current Converter/Transmitter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

XTR111AIDRCR Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button XTR111AIDRCR Datasheet HTML 3Page - Burr-Brown (TI) XTR111AIDRCR Datasheet HTML 4Page - Burr-Brown (TI) XTR111AIDRCR Datasheet HTML 5Page - Burr-Brown (TI) XTR111AIDRCR Datasheet HTML 6Page - Burr-Brown (TI) XTR111AIDRCR Datasheet HTML 7Page - Burr-Brown (TI) XTR111AIDRCR Datasheet HTML 8Page - Burr-Brown (TI) XTR111AIDRCR Datasheet HTML 9Page - Burr-Brown (TI) XTR111AIDRCR Datasheet HTML 10Page - Burr-Brown (TI) XTR111AIDRCR Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
XTR111
SBOS375 − NOVEMBER 2006
www.ti.com
7
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VVSP = +24V, unless otherwise noted.
Input Offset Voltage (mV)
INPUT OFFSET VOLTAGE DISTRIBUTION
V
OS Drift (µV/_ C)
INPUT OFFSET VOLTAGE DRIFT DISTRIBUTION
− 5 −4 − 3 −2 − 1
0
12
34
5
6
0
Supply Voltage (V)
INPUT OFFSET VOLTAGE vs SUPPLY VOLTAGE
50
100
80
60
40
20
0
−20
−40
−60
−80
−100
10
20
30
40
−75
−50
Temperature (
_C)
AMPLIFIER INPUT BIAS CURRENT vs TEMPERATURE
125
30
28
26
24
22
20
18
16
14
12
10
−25
0
25
50
75
100
Current Limit (mA)
OUTPUT CURRENT LIMIT DISTRIBUTION
−75
−50
Temperature (
_C)
OUTPUT CURRENT LIMIT vs TEMPERATURE
125
50
49
48
47
46
45
44
43
42
41
40
−25
0
25
50
75
100


Similar Part No. - XTR111AIDRCR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR111AIDRCR BURR-BROWN-XTR111AIDRCR Datasheet
562Kb / 27P
   Precision Voltage-to-Current Converter/Transmitter
logo
Texas Instruments
XTR111AIDRCR TI1-XTR111AIDRCR Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
logo
Burr-Brown (TI)
XTR111AIDRCRG4 BURR-BROWN-XTR111AIDRCRG4 Datasheet
562Kb / 27P
   Precision Voltage-to-Current Converter/Transmitter
More results

Similar Description - XTR111AIDRCR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR110 BURR-BROWN-XTR110 Datasheet
148Kb / 9P
   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
logo
Texas Instruments
XTR110 TI1-XTR110 Datasheet
825Kb / 19P
[Old version datasheet]   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
XTR111 TI1-XTR111_16 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111AIDGQR TI-XTR111AIDGQR Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111_14 Datasheet
1Mb / 33P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111_07 Datasheet
562Kb / 27P
   Precision Voltage-to-Current Converter/Transmitter
ALD1000 BURR-BROWN-ALD1000 Datasheet
153Kb / 14P
   Precision Programmable CURRENT/VOLTAGE TRANSMITTER
logo
Microchip Technology
TC1047 MICROCHIP-TC1047_13 Datasheet
168Kb / 12P
   Precision Temperature-to-Voltage Converter
11/29/12
TC962 MICROCHIP-TC962_05 Datasheet
468Kb / 12P
   Precision Temperature-to-Voltage Converter
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com