Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY88983V Datasheet(PDF) 4 Page - Micrel Semiconductor

Part No. SY88983V
Description  3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER w/TTL SD
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

SY88983V Datasheet(HTML) 4 Page - Micrel Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
SY88983V
Micrel, Inc.
M9999-020205
hbwhelp@micrel.com or (408) 955-1690
February 2005
V
CC = 3.0V to 3.6V or 4.5V to 5.5V; RLOAD = 50Ω to VCC; TA = –40°C to +85°C; typical values at VCC = 3.3V, TA = 25°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
HYS
SD Hysteresis
Note 7
2
4.6
8
dB
PSRR
Power Supply Rejection Ratio
35
dB
t
OFF
SD Release Time
0.1
0.5
µs
t
ON
SD Assert Time
0.2
0.5
µs
t
r, tf
Differential Output Rise/Fall Time
60
120
ps
(20% to 80%)
Note 8
t
JITTER
Deterministic
Note 9
15
psp-p
Random
5psrms
V
ID
Differential Input Voltage Swing
10
1800
mVp-p
V
OD
Differential Output Voltage Swing
Note 10
550
800
mVp-p
V
SR
SD Sensitivity Range
Note 11
10
50
mVp-p
A
V(Diff)
Differential Voltage Gain
32
38
dB
B
–3dB
3dB Bandwidth
2.2
GHz
S
21
Single-Ended Small Signal-Gain
26
32
dB
Notes:
7. Electrical signal.
8. With input signal VID > 50mVp-p and 50Ω load.
9. Deterministic jitter measured using K28.5 pattern at 2.488Gbps, VID = 10mVp-p. Random jitter measured using K28.7 pattern at 2.488Gbps, VID =
10mVp-p.
10. Input is a 200MHz square wave, tr < 300ps, 50Ω load. VID ≥ 14mVp-p.
11. This is the detectable range of input amplitudes that can de-assert SD. The input amplitude to assert SD is 2–8dB higher than the de-assert
amplitude. See
“Typical Operating Characteristics” for a graph showing how to choose a particular RSDLVL for a particular SD de-assert, and its
associated assert, amplitude.
AC ELECTRICAL CHARACTERISTICS
TYPICAL OPERATING CHARACTERISTICS
0
10
20
30
40
50
60
70
80
90
10
100
1000
10000 100000
R
SDLVL
SD Assert/Deassert Level
vs. R
SDLVL
ASSERT
DEASSERT
V
CC = 3.3V, GND = 0V, TA = 25°C unless otherwise stated.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn