Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY88983V Datasheet(PDF) 2 Page - Micrel Semiconductor

Part No. SY88983V
Description  3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER w/TTL SD
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

SY88983V Datasheet(HTML) 2 Page - Micrel Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
SY88983V
Micrel, Inc.
M9999-020205
hbwhelp@micrel.com or (408) 955-1690
February 2005
PACKAGE/ORDERING INFORMATION
Ordering Information
Package
Operating
Package
Part Number
Type
Range
Marking
SY88983VKI
K10-1
Industrial
983V
SY88983VKITR(1)
K10-1
Industrial
983V
SY88983VMI
MLF-16
Industrial
983V
SY88983VMITR(1)
MLF-16
Industrial
983V
Note:
1. Tape and Reel.
1
EN
DIN
/DIN
VREF
SDLVL
10 VCC
DOUT
/DOUT
SD
GND
9
8
7
6
2
3
4
5
10-Pin MSOP (K10-1)
1
2
3
4
12
11
10
9
16 15 14 13
5678
DIN
GND
GND
/DIN
DOUT
GND
GND
/DOUT
16-Pin MLF™ (MLF-16)
PIN DESCRIPTION
Pin Number
Pin Number
(MSOP)
(MLF™)
Pin Name
Type
Pin Function
1
15
EN
TTL Input:
Enable: De-asserts true data output when low.
Default is high.
2, 3
1, 4
DIN, /DIN
Differential Data Input
Differential data input. Each pin internally terminates to
V
REF through 50Ω.
4
6
VREF
Reference Voltage: Bypass with 0.01
µF low ESR
capacitor from V
REF to VCC to stabilize SDLVL and VREF.
5
14
SDLVL
Input:
Signal Detect Level Set: A resistor from this pin to V
CC
Default is
sets the threshold for the data input amplitude at which
maximum sensitivity.
the SD output will be asserted.
6
2, 3, 10, 11,
GND
Ground
Device ground. Exposed pad must be connected to same
Exposed Pad
potential as ground pins for MLF-16.
7
7
SD
Open-Collector:
Signal Detect: Asserts high when the data input
TTL Output with
amplitude rises above the threshold set by SD
LVL.
internal 5k
Ω pull-up
resistor.
8, 9
9, 12
DOUT, /DOUT
Differential CML Output
Differential data output.
10
5, 8, 13, 16
VCC
Power Supply
Positive power supply. Bypass with 0.1
µF0.01µF low
ESR capacitors. 0.01
µF capacitors should be as close to
V
CC pins as possible.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn