Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD12CT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SD12CT1
Description  Transient Voltage Suppressor(Bi-directional ESD Protection with Ultra Low Clamping Voltage)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SD12CT1 Datasheet(HTML) 2 Page - ON Semiconductor

  SD12CT1 Datasheet HTML 1Page - ON Semiconductor SD12CT1 Datasheet HTML 2Page - ON Semiconductor SD12CT1 Datasheet HTML 3Page - ON Semiconductor SD12CT1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Bi−Directional TVS
IPP
IPP
V
I
IR
IT
IT
IR
VRWM
VC VBR
VRWM
VC
VBR
SD12CT1
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Power Dissipation @ 20
ms
@ TL ≤ 25°C
Ppk
350
W
IEC 61000−4−2 (ESD)
Air
Contact
±30
±30
kV
IEC 61000−4−4 (EFT)
40
A
Storage Temperature Range
Tstg
−55 to +150
°C
Operating Temperature Range
TJ
−55 to +125
°C
Lead Solder Temperature − Maximum (10 Second Duration)
TL
260
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
QVBR
Maximum Temperature Variation of VBR
ELECTRICAL CHARACTERISTICS (TJ = 25°C, unless otherwise specified)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Reverse Working Voltage
(Note 1)
VRWM
12
V
Breakdown Voltage
IT = 1 mA, (Note 2)
VBR
13.3
V
Reverse Leakage Current
VRWM = 12 V
IR
1.0
mA
Clamping Voltage
Additional Clamping Voltage
IPP = 5 A, (8 x 20 msec Waveform)
IPP = 15 A, (8 x 20 msec Waveform)
VC
19
24
V
Maximum Peak Pulse Current
8 x 20
msec Waveform
IPP
15
A
Capacitance
VR = 0 V, f = 1 MHz
Cj
64
pF
VR = 12 V, f = 1 MHz
j
36
1. TVS devices are normally selected according to the working peak reverse voltage (VRWM), which should be equal or greater than the DC
or continuous peak operating voltage level.
2. VBR is measured at pulse test current IT.


Similar Part No. - SD12CT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SD12CT1 ONSEMI-SD12CT1 Datasheet
40Kb / 3P
   Transient Voltage Suppressor
February, 2007 ??Rev. 1
SD12CT1G ONSEMI-SD12CT1G Datasheet
40Kb / 3P
   Transient Voltage Suppressor
February, 2007 ??Rev. 1
logo
Guangdong Youtai Semico...
SD12CT1G UMW-SD12CT1G Datasheet
301Kb / 3P
   Peak Power − 350 W (8 x 20 цs)
logo
ON Semiconductor
SD12CT1 ONSEMI-SD12CT1_07 Datasheet
40Kb / 3P
   Transient Voltage Suppressor
February, 2007 ??Rev. 1
More results

Similar Description - SD12CT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2_09 Datasheet
165Kb / 6P
   Transient Voltage Suppressor ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 5
logo
Infineon Technologies A...
ESD206-B1-02 INFINEON-ESD206-B1-02 Datasheet
843Kb / 14P
   Ultra Low Clamping Bi-directional ESD / Transient / Surge Protection Diode
Revision 1.5, 2013-12-19
ESD207-B1-02 INFINEON-ESD207-B1-02 Datasheet
1Mb / 16P
   Ultra Low Clamping Bi-directional ESD / Transient / Surge Protection Diodes
Revision 1.3, 2013-12-19
logo
Diotec Semiconductor
ESD3B5V0WS DIOTEC-ESD3B5V0WS Datasheet
107Kb / 2P
   Bi-Directional Transient Voltage Suppressor Diodes for ESD Protection
logo
Infineon Technologies A...
ESD105-B1-02ELS INFINEON-ESD105-B1-02ELS Datasheet
719Kb / 17P
   Low Capacitance & Low Clamping Bi-directional ESD / Transient Protection Diodes
Revision 1.0, 2013-12-12
logo
Bruckewell Technology L...
P4SMA6.8C BWTECH-P4SMA6.8C Datasheet
151Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP6SMA27CA EIC-QP6SMA27CA Datasheet
313Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:January 29, 2016
logo
Solid States Devices, I...
T00003 SSDI-T00003 Datasheet
148Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP4SMA47CA EIC-QP4SMA47CA Datasheet
298Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00 : March 14, 2016
5KP5.0C EIC-5KP5.0C Datasheet
119Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com