Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX9123 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX9123
Description  Quad LVDS Line Driver with Flow-Through Pinout
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9123 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9123 Datasheet HTML 1Page - Maxim Integrated Products MAX9123 Datasheet HTML 2Page - Maxim Integrated Products MAX9123 Datasheet HTML 3Page - Maxim Integrated Products MAX9123 Datasheet HTML 4Page - Maxim Integrated Products MAX9123 Datasheet HTML 5Page - Maxim Integrated Products MAX9123 Datasheet HTML 6Page - Maxim Integrated Products MAX9123 Datasheet HTML 7Page - Maxim Integrated Products MAX9123 Datasheet HTML 8Page - Maxim Integrated Products MAX9123 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Quad LVDS Line Driver with
Flow-Through Pinout
_______________________________________________________________________________________
5
20.0
21.0
23.0
22.0
24.0
25.0
-40
10
-15
356085
POWER-SUPPLY CURRENT
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
°C)
FREQ = 1MHz
VIN = 0 to 3V
1.200
1.400
1.350
1.300
1.250
1.500
1.450
1.550
1.600
3.0
3.3
3.6
DIFFERENTIAL PROPAGATION DELAY
vs. POWER SUPPLY
POWER-SUPPLY VOLTAGE (V)
FREQ = 1MHz
tPLHD
tPHLD
1.100
1.200
1.400
1.300
1.600
1.500
-40
10
-15
356085
DIFFERENTIAL PROPAGATION DELAY
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
°C)
tPLHD
tPHLD
FREQ = 1MHz
0
20
40
60
80
100
3.0
3.3
3.6
DIFFERENTIAL SKEW
vs. POWER-SUPPLY VOLTAGE
POWER-SUPPLY VOLTAGE (V)
FREQ = 1MHz
0
25
50
100
125
75
150
175
200
-40
10
-15
35
60
85
DIFFERENTIAL SKEW
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
°C)
FREQ = 1MHz
340
360
350
380
370
390
400
3.0
3.3
3.6
TRANSITION TIME
vs. POWER-SUPPLY VOLTAGE
POWER-SUPPLY VOLTAGE (V)
FREQ = 1MHz
tTLH
tTHL
200
250
300
350
400
450
500
550
600
-40
-15
10
35
60
85
TRANSITION TIME
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
°C)
FREQ = 1MHz
tTLH
tTHL
Typical Operating Characteristics (continued)
(VCC = +3.3V, RL = 100
Ω, CL = 15pF, TA = +25°C, unless otherwise noted.)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MAX9178 Quad LVDS Line Driver with High-ESD Tolerance and Flow-Through Pinout 1  2  3  4  5  More Maxim Integrated Products
MAX9129 Quad Bus LVDS Driver with Flow-Through Pinout 1  2  3  4  5  More Maxim Integrated Products
MAX9121 Quad LVDS Line Receivers with Integrated Termination and Flow-Through Pinout 1  2  3  4  5  More Maxim Integrated Products
MAX9173 Quad LVDS Line Receiver with Flow-Through Pinout and “In-Path” Fail-Safe 1  2  3  4  5  More Maxim Integrated Products
MAX9727 Quad Audio Line Driver with 3VRMS Output 1  Maxim Integrated Products
AM26LS31 Quad Line Driver with NAND Enabled Three-State Outputs 1  2  3  4  Motorola, Inc
DS90LV031A 3V LVDS Quad CMOS Differential Line Driver 1  2  3  4  5  More National Semiconductor (TI)
STLVDS47 3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More STMicroelectronics
DS90LV031B 3V LVDS Quad CMOS Differential Line Driver 1  2  3  4  5  More National Semiconductor (TI)
FIN1049 LVDS Dual Line Driver with Dual Line Receiver 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn