Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STK16C88-3 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. STK16C88-3
Description  32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STK16C88-3 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  STK16C88-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK16C88-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK16C88-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK16C88-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK16C88-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK16C88-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK16C88-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK16C88-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK16C88-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
STK16C88-3
March 2006
4
Document Control # ML0019 rev 0.2
SRAM WRITE CYCLES #1 & #2
(VCC = 3.0V-3.6V)
Note i:
If W is low when E goes low, the outputs remain in the high-impedance state.
Note j:
E or W must be
≥ VIH during address transitions.
SRAM WRITE CYCLE #1: W Controlledj
SRAM WRITE CYCLE #2: E Controlledj
NO.
SYMBOLS
PARAMETER
STK16C88-3-35
UNITS
#1
#2
Alt.
MIN
MAX
12
tAVAV
tAVAV
tWC
Write Cycle Time
35
ns
13
tWLWH
tWLEH
tWP
Write Pulse Width
25
ns
14
tELWH
tELEH
tCW
Chip Enable to End of Write
25
ns
15
tDVWH
tDVEH
tDW
Data Set-up to End of Write
12
ns
16
tWHDX
tEHDX
tDH
Data Hold after End of Write
0
ns
17
tAVWH
tAVEH
tAW
Address Set-up to End of Write
25
ns
18
tAVWL
tAVEL
tAS
Address Set-up to Start of Write
0
ns
19
tWHAX
tEHAX
tWR
Address Hold after End of Write
0
ns
20
tWLQZ
h, i
tWZ
Write Enable to Output Disable
13
ns
21
tWHQX
tOW
Output Active after End of Write
5
ns
PREVIOUS DATA
DATA OUT
E
ADDRESS
12
tAVAV
W
16
tWHDX
DATA IN
19
tWHAX
13
tWLWH
18
tAVWL
17
tAVWH
DATA VALID
20
tWLQZ
15
tDVWH
HIGH IMPEDANCE
21
tWHQX
14
tELWH
DATA OUT
E
ADDRESS
12
tAVAV
W
DATA IN
13
tWLEH
DATA VALID
HIGH IMPEDANCE
14
tELEH
18
tAVEL
17
tAVEH
15
tDVEH
19
tEHAX
16
tEHDX


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
STK16C88 32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK14C88 32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
GLT7256L08 Ultra High Performance 3.3V 32K x 8 Bit CMOS STATIC RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK15C88 32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK18TA8 nvTime Event Data Recorder Serial Peripheral Interface nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK11C88 32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK14D88 32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK14C88-M 32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK11C48 2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK10C68 8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn