Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC723483W Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC723483W
Description  Low-Voltage ETR-Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC723483W Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC723483W Datasheet HTML 6Page - Sanyo Semicon Device LC723483W Datasheet HTML 7Page - Sanyo Semicon Device LC723483W Datasheet HTML 8Page - Sanyo Semicon Device LC723483W Datasheet HTML 9Page - Sanyo Semicon Device LC723483W Datasheet HTML 10Page - Sanyo Semicon Device LC723483W Datasheet HTML 11Page - Sanyo Semicon Device LC723483W Datasheet HTML 12Page - Sanyo Semicon Device LC723483W Datasheet HTML 13Page - Sanyo Semicon Device LC723483W Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
No. 7253-10/15
LC723481W/2W/3W
Continued from preceding page.
Pin No.
Pin
I/O
Function
I/O circuit
Connections for the built-in transistor used to form a low-pass filter.
61
62
AIN
AOUT
O
Main charge pump output. When the local oscillator frequency divided by N is higher
than the reference frequency a high level is output, when lower, a low level is output.
The pin is set to the high-impedance state when the frequencies match.
Output goes to the high-impedance state in backup mode, in halt mode, after a reset,
and in PLL stop mode.
60
EO
O
Power supply pin.
This pin must be connected to ground.
This pin must be connected to ground.
This pin must be connected to VDD.
24
59
56
VSS
VSS
VDD
CMOS push-pull
Note 2:
When a pin in an I/O switching port is used as an output, applications must first set up the data with an OUT, SPB, or RPB instruction and then set
up output mode with an IOS instruction.


Similar Part No. - LC723483W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72348G SANYO-LC72348G Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
LC72348W SANYO-LC72348W Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
More results

Similar Description - LC723483W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72348G SANYO-LC72348G Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
LC72344W SANYO-LC72344W Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
LC723461W SANYO-LC723461W Datasheet
105Kb / 13P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72314W SANYO-LC72314W Datasheet
129Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72346W SANYO-LC72346W Datasheet
95Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC723732 SANYO-LC723732 Datasheet
230Kb / 14P
   ETR Microcontrollers
LC72F3781 SANYO-LC72F3781 Datasheet
132Kb / 17P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC72F3661 SANYO-LC72F3661 Datasheet
117Kb / 15P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC878496PB SANYO-LC878496PB Datasheet
240Kb / 29P
   8-bit ETR Microcontroller
logo
Vishay Siliconix
SI9145 VISHAY-SI9145_V01 Datasheet
214Kb / 14P
   Low-Voltage Switchmode Controller
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com