Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13013 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX13013
Description  1.2V to 3.6V, 0.1uA, 100Mbps, Single-/Dual-/Quad-Level Translators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13013 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX13013 Datasheet HTML 1Page - Maxim Integrated Products MAX13013 Datasheet HTML 2Page - Maxim Integrated Products MAX13013 Datasheet HTML 3Page - Maxim Integrated Products MAX13013 Datasheet HTML 4Page - Maxim Integrated Products MAX13013 Datasheet HTML 5Page - Maxim Integrated Products MAX13013 Datasheet HTML 6Page - Maxim Integrated Products MAX13013 Datasheet HTML 7Page - Maxim Integrated Products MAX13013 Datasheet HTML 8Page - Maxim Integrated Products MAX13013 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
General Description
The MAX13013–MAX13017/MAX3023–MAX3028 single-/
dual-/quad-level translators provide the level shifting
necessary to allow 100Mbps data transfer in a multivolt-
age system. Externally applied voltages, VCC and VL, set
the logic levels on either side of the device. Logic signals
present on the VL side of the device appear as a higher
voltage logic signal on the VCC side of the device, and
vice-versa.
The MAX13013 single-, the MAX13014–MAX13017
dual-, and the MAX3023–MAX3028 (UCSP™ package)
quad-level translators feature an enable (EN) input. The
MAX3023–MAX3028 (TSSOP package) quad-level
translators feature EN and EN inputs. When disabled,
each device places all inputs/outputs on both sides in
tri-state and reduces the VCC supply current to 0.03µA,
and the VL supply current to 0.1µA. These devices oper-
ate at a guaranteed 100Mbps data rate for VL > 1.8V.
The MAX13013–MAX13017/MAX3023–MAX3028 accept
a +1.65V to +3.6V VCC voltage and a +1.2V to (VCC -
0.4V) VL voltage, making them ideal for data transfer
between low-voltage ASICs/programmable logic
devices (PLDs) and higher voltage systems. The
MAX13013 is available in 3 x 2 UCSP and 6-pin SC70
packages. The MAX13014–MAX13017 are available in
3 x 3 UCSP and 8-pin SOT23 packages. The
MAX3023–MAX3028 are available in 4 x 3 UCSP and
14-pin TSSOP packages. All devices operate over the
extended -40°C to +85°C temperature range.
Applications
CMOS Logic-Level Translation
Low-Voltage ASIC Level Translation
Cell Phones
SPI™, MICROWIRE™ Level Translation
Portable POS Systems
Portable Communication Devices
GPS
Telecommunications Equipment
Features
♦ 100Mbps Guaranteed Data Rate
♦ Bidirectional Level Translation
MAX13013 (Single)
MAX13014 (Dual)
MAX3023 (Quad)
♦ Unidirectional Level Translation
MAX13015/MAX13016/MAX13017 (Dual)
MAX3024–MAX3028 (Quad)
♦ VL Operation Down to +1.2V
♦ Ultra-Low 0.1µA Supply Current When Disabled
♦ Low-Quiescent Current (0.1µA)
♦ UCSP, SC70, SOT23, and TSSOP Packages
+1.2V to +3.6V, 0.1µA, 100Mbps,
Single-/Dual-/Quad-Level Translators
________________________________________________________________ Maxim Integrated Products
1
MAX13014
+1.8V
+3.3V
I/O VCC1
I/O VCC2
I/O VL1
I/O VL2
CLK
VL
VCC
DATA
CLK
DATA
GND
GND
GND
0.1
µF
0.1
µF
+1.8V
SYSTEM
CONTROLLER
+3.3V
SYSTEM
Typical Operating Circuit
GND
I/O VL1
I/O VCC1
16
EN
5VL
VCC
MAX13013
SC70
2
34
MAX13013
3 x 2 UCSP
TOP VIEW
(BUMPS ON BOTTOM OF DIE)
I/O VCC1
VCC
GND
I/O VL1
VL
EN
TOP VIEW
A
123
B
Pin Configurations
19-3266; Rev 1; 8/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
MICROWIRE is a trademark of National Semiconductor Corp.
SPI is a trademark of Motorola, Inc.
UCSP is a trademark of Maxim Integrated Products, Inc.
Pin Configurations continued at end of data sheet.
Ordering Information/Selector Guide continued at end of
data sheet.
Ordering Information/Selector Guide
PART
TEMP RANGE
PIN-PACKAGE
PACKAGE
CODE
TOP
MARK
NUMBER OF
VL
→ VCC
TRANSLATORS
Number of
VCC
→ VL
TRANSLATORS
EN
EN
MAX13013EXT
-40°C to +85°C
6 SC70
ACD
11


Similar Part No. - MAX13013

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13013 MAXIM-MAX13013 Datasheet
472Kb / 18P
   1.2V to 3.6V, 0.1μA, 100Mbps, Single-/Dual-/Quad-Level Translators
Rev 2; 12/04
MAX13013EXT MAXIM-MAX13013EXT Datasheet
472Kb / 18P
   1.2V to 3.6V, 0.1μA, 100Mbps, Single-/Dual-/Quad-Level Translators
Rev 2; 12/04
MAX13013_0412 MAXIM-MAX13013_0412 Datasheet
472Kb / 18P
   1.2V to 3.6V, 0.1μA, 100Mbps, Single-/Dual-/Quad-Level Translators
Rev 2; 12/04
More results

Similar Description - MAX13013

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MAX3013 STMICROELECTRONICS-MAX3013 Datasheet
438Kb / 17P
   1.2V to 3.6V, 0.1uA, 100Mbps, 8-Channel Level Translators
logo
Maxim Integrated Produc...
MAX13013_0412 MAXIM-MAX13013_0412 Datasheet
472Kb / 18P
   1.2V to 3.6V, 0.1μA, 100Mbps, Single-/Dual-/Quad-Level Translators
Rev 2; 12/04
MAX3013 MAXIM-MAX3013 Datasheet
443Kb / 17P
   1.2V to 3.6V, 0.1關A, 100Mbps, 8-Channel Level Translators
19-3156; Rev 2; 12/04
MAX3000E MAXIM-MAX3000E Datasheet
422Kb / 24P
   1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX3005 MAXIM-MAX3005 Datasheet
430Kb / 24P
   1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX3000E MAXIM-MAX3000E_08 Datasheet
216Kb / 25P
   1.2V to 5.5V, ±15kV ESD-Protected, 0.1μA,35Mbps, 8-Channel Level Translators
Rev 5; 8/08
logo
Pericom Semiconductor C...
PI4ULS3V16 PERICOM-PI4ULS3V16_13 Datasheet
333Kb / 7P
   1.2V to 3.6V Universal Bidirectional Level Shifter with Automatic Direction Control
PI4ULS3V08 PERICOM-PI4ULS3V08 Datasheet
751Kb / 8P
   1.2V to 3.6V Universal Bidirectional Level Shifter with Automatic Direction Control
PI4ULS3V16 PERICOM-PI4ULS3V16_07 Datasheet
446Kb / 10P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control
logo
Maxim Integrated Produc...
MAX9420 MAXIM-MAX9420 Datasheet
352Kb / 13P
   Quad Differential LVECL-to-LVPECL Translators
Rev 0; 1/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com