Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT723654 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT723654
Description  CMOS SyncBiFIFO WITH BUS-MATCHING
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT723654 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT723654 Datasheet HTML 1Page - Integrated Device Technology IDT723654 Datasheet HTML 2Page - Integrated Device Technology IDT723654 Datasheet HTML 3Page - Integrated Device Technology IDT723654 Datasheet HTML 4Page - Integrated Device Technology IDT723654 Datasheet HTML 5Page - Integrated Device Technology IDT723654 Datasheet HTML 6Page - Integrated Device Technology IDT723654 Datasheet HTML 7Page - Integrated Device Technology IDT723654 Datasheet HTML 8Page - Integrated Device Technology IDT723654 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
3
COMMERCIALTEMPERATURERANGE
IDT723654/723664/723674 CMOS SyncBiFIFOTM WITH BUS-MATCHING
2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
Communication between each port may bypass the FIFOs via two mailbox
registers. The mailbox registers’ width matches the selected Port B bus width.
Each Mailbox register has a flag (
MBF1 and MBF2) to signal when new mail
has been stored.
Two kinds of reset are available on these FIFOs: Master Reset and Partial
Reset. Master Reset initializes the read and write pointers to the first location
of the memory array, configures the FIFO for Big- or Little-Endian byte
arrangement and selects serial flag programming, parallel flag programming,
or one of five possible default flag offset settings, 8, 16, 64, 256 or 1,024. There
are two Master Reset pins,
MRS1 and MRS2.
Partial Reset also sets the read and write pointers to the first location of the
memory. Unlike Master Reset, any settings existing prior to Partial Reset (i.e.,
programmingmethodandpartialflagdefaultoffsets)areretained.PartialReset
is useful since it permits flushing of the FIFO memory without changing any
configuration settings. Each FIFO has its own, independent Partial Reset pin,
PRS1 and PRS2.
BothFIFO'shaveRetransmitcapability,whenaRetransmitisperformedon
a respective FIFO only the read pointer is reset to the first memory location. A
RetransmitisperformedbyusingtheRetransmitMode,RTMpininconjunction
with the Retransmit pins
RT1 or RT2, for each respective FIFO. Note that the
two Retransmit pins
RT1 and RT2 are muxed with the Partial Reset pins.
These devices have two modes of operation: In the IDT Standard mode, the
first word written to an empty FIFO is deposited into the memory array. A read
operation is required to access that word (along with all other words residing
in memory). In theFirstWordFallThroughmode(FWFT), the first word written
to an empty FIFO appears automatically on the outputs, no read operation
required (Nevertheless, accessing subsequent words does necessitate a
formal read request). The state of the BE/
FWFT pin during Master Reset
determines the mode in use.
These devices have two modes of operation: In the IDT Standard mode, the
first word written to an empty FIFO is deposited into the memory array. A read
operation is required to access that word (along with all other words residing
in memory). In the First Word Fall Through mode (FWFT), the first long-word
(36-bitwide)writtentoanemptyFIFOappearsautomaticallyontheoutputs,no
read operation is required (Nevertheless, accessing subsequent words does
necessitate a formal read request). The state of the BE/
FWFTpinduringFIFO
operation determines the mode in use.
EachFIFOhasacombinedEmpty/OutputReadyFlag(
EFA/ORAandEFB/
ORB) and a combined Full/Input Ready Flag (
FFA/IRA and FFB/IRB). The
EF and FF functions are selected in the IDT Standard mode. EF indicates
whether or not the FIFO memory is empty.
FF shows whether the memory is
full or not. The IR and OR functions are selected in the First Word Fall Through
mode. IR indicates whether or not the FIFO has available memory locations.
OR shows whether the FIFO has data available for reading or not. It marks the
presence of valid data on the outputs.
Each FIFO has a programmable Almost-Empty flag (
AEA and AEB)anda
programmable Almost-Full flag (
AFAandAFB). AEAandAEB indicatewhen
aselectednumberofwordsremainintheFIFOmemory.
AFAandAFBindicate
when the FIFO contains more than a selected number of words.
FFA/IRA, FFB/IRB, AFA and AFB are two-stage synchronized to the port
clock that writes data into its array.
EFA/ORA, EFB/ORB, AEA and AEB are
two-stage synchronized to the port clock that reads data from its array.
Programmableoffsetsfor
AEA,AEB,AFAandAFBareloaded inparallelusing
PortAorinserialviatheSDinput.Fivedefaultoffsetsettingsarealsoprovided.
The
AEA and AEB threshold can be set at 8, 16, 64, 256 or 1,024 locations
from the empty boundary and the
AFA andAFB thresholdcanbesetat8,16,
64, 256 or 1,024 locations from the full boundary. All these choices are made
using the FS0, FS1 and FS2 inputs during Master Reset.
Interspersed Parity can also be selected during a Master Reset of the FIFO.
If Interspersed Parity is selected then during parallel programming of the flag
offset values, the device will ignore data line A8. If Non-Interspersed Parity is
selected then data line A8 will become a valid bit.
Two or more devices may be used in parallel to create wider data paths. If,
at any time, the FIFO is not actively performing a function, the chip will
automatically power down. During the power down state, supply current
consumption(ICC)isataminimum.Initiatinganyoperation(byactivatingcontrol
inputs) will immediately take the device out of the power down state.
The IDT723654/723664/723674 are characterized for operation from 0
°C
to 70
°C.Industrialtemperaturerange(-40°Cto+85°C)isavailable.Theyare
fabricated using IDT’s high speed, submicron CMOS technology.


Similar Part No. - IDT723654

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723651 IDT-IDT723651 Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
IDT723651 IDT-IDT723651 Datasheet
347Kb / 20P
   CMOS SyncFIFO
logo
Renesas Technology Corp
IDT723651 RENESAS-IDT723651 Datasheet
528Kb / 21P
   CMOS SyncFIFO™512 x 36 1,024 x 36 2,048 x 36
MARCH 2014
logo
Integrated Device Techn...
IDT723651L15PF IDT-IDT723651L15PF Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
IDT723651L15PQF IDT-IDT723651L15PQF Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
More results

Similar Description - IDT723654

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723624 IDT-IDT723624_13 Datasheet
525Kb / 35P
   CMOS SyncBiFIFO WITH BUS-MATCHING
IDT72V3664 IDT-IDT72V3664 Datasheet
275Kb / 37P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING
IDT723653 IDT-IDT723653_09 Datasheet
305Kb / 29P
   CMOS SyncFIFOTM WITH BUS-MATCHING
IDT723653 IDT-IDT723653 Datasheet
323Kb / 29P
   CMOS SyncFIFO WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723624 RENESAS-IDT723624 Datasheet
250Kb / 35P
   CMOS SyncBiFIFOTM WITH BUS-MATCHING
MARCH 2018
IDT723663 RENESAS-IDT723663 Datasheet
370Kb / 30P
   CMOS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2018
logo
Integrated Device Techn...
IDT723624 IDT-IDT723624 Datasheet
356Kb / 35P
   CMOS SyncBiFIFOTM WITH BUS-MATCHING
IDT723656 IDT-IDT723656 Datasheet
389Kb / 39P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
IDT723626 IDT-IDT723626 Datasheet
563Kb / 35P
   CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723656 RENESAS-IDT723656 Datasheet
797Kb / 40P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com