Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATAM862-8 Datasheet(PDF) 4 Page - ATMEL Corporation

Part No. ATAM862-8
Description  Microcontroller with UHF ASK/FSK Transmitter
Download  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862-8 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATAM862-8 Datasheet HTML 1Page - ATMEL Corporation ATAM862-8 Datasheet HTML 2Page - ATMEL Corporation ATAM862-8 Datasheet HTML 3Page - ATMEL Corporation ATAM862-8 Datasheet HTML 4Page - ATMEL Corporation ATAM862-8 Datasheet HTML 5Page - ATMEL Corporation ATAM862-8 Datasheet HTML 6Page - ATMEL Corporation ATAM862-8 Datasheet HTML 7Page - ATMEL Corporation ATAM862-8 Datasheet HTML 8Page - ATMEL Corporation ATAM862-8 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 107 page
background image
4
ATAM862-8
4590E–4BMCU–09/04
UHF ASK/FSK Transmitter Block
Features
Integrated PLL Loop Filter
ESD Protection also at ANT1/ANT2
(4 kV HBM/200 V MM, Except Pin 2: 4 kV HBM/100 V MM)
High Output Power (5.5 dBm) with Low Supply Current (8.5 mA)
Modulation Scheme ASK/FSK
– FSK Modulation is Achieved by Connecting an Additional Capacitor between the XTAL Load Capacitor and the Open-
drain Output of the Modulating Microcontroller
Easy to Design-in Due to Excellent Isolation of the PLL from the PA and Power Supply
Single Li-cell for Power Supply
Supply Voltage 2.0 V to 4.0 V in the Temperature Range of -40
° C to 85° C/125° C
Single-ended Antenna Output with High Efficient Power Amplifier
CLK Output for Clocking the Microcontroller
One-chip Solution with Minimum External Circuitry
125
° C Operation for Tire Pressure Systems
Description
The PLL transmitter block has been developed for the demands of RF low-cost transmission systems, at data rates up to
32 kbaud. The transmitting frequency range is 868 MHz to 928 MHz. It can be used in both FSK and ASK systems.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn