Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATAM862-8 Datasheet(PDF) 1 Page - ATMEL Corporation

Part No. ATAM862-8
Description  Microcontroller with UHF ASK/FSK Transmitter
Download  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862-8 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATAM862-8 Datasheet HTML 1Page - ATMEL Corporation ATAM862-8 Datasheet HTML 2Page - ATMEL Corporation ATAM862-8 Datasheet HTML 3Page - ATMEL Corporation ATAM862-8 Datasheet HTML 4Page - ATMEL Corporation ATAM862-8 Datasheet HTML 5Page - ATMEL Corporation ATAM862-8 Datasheet HTML 6Page - ATMEL Corporation ATAM862-8 Datasheet HTML 7Page - ATMEL Corporation ATAM862-8 Datasheet HTML 8Page - ATMEL Corporation ATAM862-8 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 107 page
background image
Rev. 4590E–4BMCU–09/04
Features
Single Package Fully-integrated 4-bit Microcontroller with RF Transmitter
Low Power Consumption in Sleep Mode (< 1 µA Typically)
Flash Controller for Application Program Available
Maximum Output Power (10 dBm) with Low Supply Current (9.5 mA Typically)
2.0 V to 4.0 V Operation Voltage for Single Li-cell Power Supply
-40
° C to +125° C Operation Temperature
SSO24 Package
About Seven External Components
Description
The ATAM862-8 is a single package dual-chip circuit. It combines a UHF ASK/FSK
transmitter with a 4-bit microcontroller. It supports highly integrated solutions in car
access and tire pressure monitoring applications, as well as manifold applications in
the industrial and consumer segment. It is available for the transmitting frequency
range of 868 MHz to 928 MHz with data rates up to 32 kbaud Manchester coded.
For further frequency ranges 310 MHz to 330 MHz and 429 MHz to 439 MHz separate
datasheets are available.
The device contains a flash microcontroller.
Figure 1. Application Diagram
Antenna
Micro-
controller
PLL-
Transmitter
ATAM862
Keys
UHF ASK/FSK
Receiver
Micro-
controller
Microcontroller
with UHF
ASK/FSK
Transmitter
ATAM862-8


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn