Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA221UMX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSA221UMX
Description  USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA221UMX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSA221UMX Datasheet HTML 1Page - Fairchild Semiconductor FSA221UMX Datasheet HTML 2Page - Fairchild Semiconductor FSA221UMX Datasheet HTML 3Page - Fairchild Semiconductor FSA221UMX Datasheet HTML 4Page - Fairchild Semiconductor FSA221UMX Datasheet HTML 5Page - Fairchild Semiconductor FSA221UMX Datasheet HTML 6Page - Fairchild Semiconductor FSA221UMX Datasheet HTML 7Page - Fairchild Semiconductor FSA221UMX Datasheet HTML 8Page - Fairchild Semiconductor FSA221UMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA221 Rev. 1.0.3
5
DC Electrical Characteristics
All typical values are at 25ºC unless otherwise specified.
TA = - 40°C to +85°C
Symbol
Parameter
VAudio
(V)
Conditions
Min.
Typ.
Max.
Unit
Common Pins
VAudio (V)
VIK
Clamp Diode
Voltage
3.0
IIK = -18mA
-1.2
VIH
Control Input
Voltage HIGH
3.0 to 3.6
1.2
VIL
Control Input
Voltage LOW
3.0 to 3.6
0.5
V
VIN = 3.6V
-1
10
IIN
ASel Input HIGH
Current
3.6
VIN = 0V
-1
1
µA
IOFF
Power Off Leakage
Current (Common
Port Only D+/R,
D-/L)
Vaudio =
Vbus = 0V
Common Port (D+/R, D-/L)
VSW = 0V to 5.5V
10
µA
INO(0FF)
Off-Leakage
Current of Port
D+, D-, R, L
3.6
Vbus = 0V, 5. 5V
D+/R, D-/L = 0.3V, VAUDIO – 0.3V
D+, D-, R, L = 0.3V, VAUDIO –0.3V
or Floating
See Figure 11
-50
1
50
nA
INC(0N)
On-Leakage
Current of Port
D+/R or D-/L
3.6
Vbus = 0V, 5.5V
D+/R, D-/L = 0.3V, VAUDIO – 0.3V
D+, D-, R, L = Floating
See Figure 12
-50
1
50
nA
RPD
ASel Internal Pull-
Down Resistor
3
M
Ω
USB Switch Path
Vbus (V)
USB Analog Signal
Range
0
3.6
V
RONUSB
HS Switch On
Resistance
(4)
4.25
VD+/D- = 0V, 0.4V, ION = -8mA,
VAUDIO = 3V
4
6
∆ RONUSB
HS Delta RON
(5,6)
4.25
VD+/D- = 0V, ION = -8mA,
VAUDIO = 3V
0.4
Audio Switch Path
VAudio (V)
Audio Analog
Signal Range
Vaudio
5.5
Vaudio
V
RONAudio
Audio Switch On
Resistance
(4)
3.0
VL/R = -2V, 0V, 0.7V, Vbus = 0V
VAUDIO-0.7V, VAUDIO ION = -26mA
3
5
∆ RONAudio
Audio Delta RON
(5)
3.0
VL/R = 0.7V ION = -26mA
0.4
RFLAT(Audio)
Audio RON
Flatness
(7)
3.0
ION = -26mA
1.5
2.5
Continued on following page…


Similar Part No. - FSA221UMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA221UMX FAIRCHILD-FSA221UMX Datasheet
116Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221UMX FAIRCHILD-FSA221UMX Datasheet
446Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221UMX FAIRCHILD-FSA221UMX Datasheet
773Kb / 17P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
logo
ON Semiconductor
FSA221UMX ONSEMI-FSA221UMX Datasheet
1Mb / 19P
   High-Speed Audio Switches
March 2013 Rev. 1.1.0
More results

Similar Description - FSA221UMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA221 FAIRCHILD-FSA221_09 Datasheet
446Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_08 Datasheet
441Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223 Datasheet
189Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_07 Datasheet
116Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_12 Datasheet
707Kb / 16P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_12 Datasheet
773Kb / 17P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA800 FAIRCHILD-FSA800_09 Datasheet
606Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA800 FAIRCHILD-FSA800 Datasheet
548Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA806 FAIRCHILD-FSA806 Datasheet
733Kb / 12P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA805 FAIRCHILD-FSA805 Datasheet
211Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com