Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSQ0365RN Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. FSQ0365RN
Description  Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ0365RN Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSQ0365RN Datasheet HTML 1Page - Fairchild Semiconductor FSQ0365RN Datasheet HTML 2Page - Fairchild Semiconductor FSQ0365RN Datasheet HTML 3Page - Fairchild Semiconductor FSQ0365RN Datasheet HTML 4Page - Fairchild Semiconductor FSQ0365RN Datasheet HTML 5Page - Fairchild Semiconductor FSQ0365RN Datasheet HTML 6Page - Fairchild Semiconductor FSQ0365RN Datasheet HTML 7Page - Fairchild Semiconductor FSQ0365RN Datasheet HTML 8Page - Fairchild Semiconductor FSQ0365RN Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0365RN, FSQ0265RN, FSQ0165RN, FSQ311 Rev. 1.0.0
5
Electrical Characteristics
TA = 25°C unless otherwise specified.
Symbol
Parameter
Condition
Min. Typ. Max. Unit
SENSEFET SECTION
BVDSS
Drain Source Breakdown Voltage
VCC = 0V, ID = 100µA
650
V
IDSS
Zero-Gate-Voltage Drain Current
VDS = 560V
100
µA
RDS(ON)
Drain-Source on-
State Resistance
FSQ0365RN
TJ = 25°C, ID = 0.5A
3.5
4.5
Ω
FSQ0265RN
5.0
6.0
FSQ0165RN
8.0
10.0
FSQ311
14.0 19.0
CSS
Input Capacitance
FSQ0365RN
VGS = 0V, VDS = 25V, f = 1MHz
315
pF
FSQ0265RN
550
FSQ0165RN
250
FSQ311
162
COSS
Output Capacitance
FSQ0365RN
VGS = 0V, VDS = 25V, f = 1MHz
47
pF
FSQ0265RN
38
FSQ0165RN
25
FSQ311
18
CRSS
Reverse Transfer
Capacitance
FSQ0365RN
VGS = 0V, VDS = 25V, f = 1MHz
9.0
pF
FSQ0265RN
17.0
FSQ0165RN
10.0
FSQ311
3.8
td(on)
Turn-On Delay Time
FSQ0365RN
VDD = 350V, ID = 25mA
11.2
ns
FSQ0265RN
20.0
FSQ0165RN
12.0
FSQ311
9.5
tr
Rise Time
FSQ0365RN
VDD = 350V, ID = 25mA
34
ns
FSQ0265RN
15
FSQ0165RN
4
FSQ311
19
td(off)
Turn-Off Delay Time
FSQ0365RN
VDD = 350V, ID = 25mA
28.3
ns
FSQ0265RN
55.0
FSQ0165RN
30.0
FSQ311
33.0
tf
Fall Time
FSQ0365RN
VDD = 350V, ID = 25mA
32
ns
FSQ0265RN
25
FSQ0165RN
10
FSQ311
42


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn