Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9EMS9633BFILF Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 9EMS9633BFILF
Description  ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9EMS9633BFILF Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 9EMS9633BFILF Datasheet HTML 6Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 7Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 8Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 9Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 10Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 11Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 12Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 13Page - Renesas Technology Corp 9EMS9633BFILF Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
IDTTM/ICSTM Ultra Mobile PC Clock for Embedded Applications
1617—08/19/09
ICS9EMS9633
ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
10
Datasheet
Clock Periods Differential Outputs with Spread Spectrum Enabled
1 Clock
1us
0.1s
0.1s
0.1s
1us
1 Clock
Lg-
-SSC
-ppm error
0ppm
+ ppm error
+SSC
Lg+
Absolute
Period
Short-term
Average
Long-Term
Average
Period
Long-Term
Average
Short-term
Average
Period
Minimum
Absolute
Period
Minimum
Absolute
Period
Minimum
Absolute
Period
Nominal
Maximum
Maximum
Maximum
SRC 100
9.87400
9.99900
9.99900
10.00000
10.00100
10.05130
10.17630
ns
1,2
CPU 100
9.91400
9.99900
9.99900
10.00000
10.00100
10.05130
10.13630
ns
1,2
CPU 133
7.41425
7.49925
7.49925
7.50000
7.50075
7.53845
7.62345
ns
1,2
CPU 166
5.91440
5.99940
5.99940
6.00000
6.00060
6.03076
6.11576
ns
1,2
Clock Periods Differential Outputs with Spread Spectrum Disabled
1 Clock
1us
0.1s
0.1s
0.1s
1us
1 Clock
Lg-
-SSC
-ppm error
0ppm
+ ppm error
+SSC
Lg+
Absolute
Period
Short-term
Average
Long-Term
Average
Period
Long-Term
Average
Short-term
Average
Period
Minimum
Absolute
Period
Minimum
Absolute
Period
Minimum
Absolute
Period
Nominal
Maximum
Maximum
Maximum
SRC 100
9.87400
9.99900
10.00000
10.00100
10.17630
ns
1,2
CPU 100
9.91400
9.99900
10.00000
10.00100
10.13630
ns
1,2
CPU 133
7.41425
7.49925
7.50000
7.50075
7.62345
ns
1,2
CPU 166
5.91440
5.99940
6.00000
6.00060
6.11576
ns
1,2
DOT 96
10.16560
10.41560
10.41670
10.41770
10.66770
ns
1,2
1Guaranteed by design and characterization, not 100% tested in production.
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz
Notes
Symbol
Definition
Measurement Window
Units
Measurement Window
Units
Notes
Symbol
Definition
Electrical Characteristics - SMBus Interface
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Notes
SMBus Voltage
V
DD
2.7
3.3
V
1
Low-level Output Voltage
V
OLSMB
@ I
PULLUP
0.4
V
1
Current sinking at
V
OLSMB = 0.4 V
I
PULLUP
SMB Data Pin
4
mA
1
SCLK/SDATA
Clock/Data Rise Time
T
RI2C
(Max VIL - 0.15) to
(Min VIH + 0.15)
1000
ns
1
SCLK/SDATA
Clock/Data Fall Time
T
FI2C
(Min VIH + 0.15) to
(Max VIL - 0.15)
300
ns
1
Maximum SMBus Operating
Frequency
F
SMBUS
Block Mode
100
kHz
1
Notes on Electrical Characteristics:
1Guaranteed by design and characterization, not 100% tested in production.
2 Slew rate measured through Vswing centered around differential zero
3 Vxabs is defined as the voltage where CLK = CLK#
4 Only applies to the differential rising edge (CLK rising and CLK# falling)
6 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REF is at 14.31818MHz
7 Operation under these conditions is neither implied, nor guaranteed.
5 Defined as the total variation of all crossing voltages of CLK rising and CLK# falling. Matching applies to rising edge rate of CLK and
falling edge of CLK#. It is measured using a +/-75mV window centered on the average cross point where CLK meets CLK#.


Similar Part No. - 9EMS9633BFILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9EMS9633BFILF IDT-9EMS9633BFILF Datasheet
161Kb / 22P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
9EMS9633BFILFT IDT-9EMS9633BFILFT Datasheet
161Kb / 22P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
More results

Similar Description - 9EMS9633BFILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9EMS9633 IDT-ICS9EMS9633 Datasheet
161Kb / 22P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
ICS9UMS9633BW IDT-ICS9UMS9633BW Datasheet
180Kb / 18P
   ULTRA MOBILE PC CLOCK FOR AUTOMOTIVE USE
ICS9UMS9633BI IDT-ICS9UMS9633BI Datasheet
215Kb / 22P
   ULTRA MOBILE PC CLOCK FOR INDUSTRIAL TEMPERATURE RANGE
logo
Freescale Semiconductor...
900844 FREESCALE-900844 Datasheet
5Mb / 118P
   Integrated Power Management IC for Ultra-mobile and Embedded Applications
logo
Kingston Technology Far...
UFS64G-TX17 KINGSTON-UFS64G-TX17 Datasheet
3Mb / 2P
   High performance storage for mobile and embedded applications
logo
PulseCore Semiconductor
ASM3P2187A PULSECORE-ASM3P2187A Datasheet
176Kb / 9P
   Spread Spectrum Clock Generator for Mobile Applications
logo
Cypress Semiconductor
SC660E CYPRESS-SC660E Datasheet
56Kb / 8P
   SMBus System Clock Buffer for Mobile Applications
logo
Integrated Device Techn...
ICS9UMS9633B IDT-ICS9UMS9633B Datasheet
214Kb / 22P
   ULTRA MOBILE PC/MOBILE INTERNET DEVICE
logo
Renesas Technology Corp
9UMS9633B RENESAS-9UMS9633B Datasheet
600Kb / 23P
   Ultra-Mobile PC/Mobile Internet Device
Jan 18, 2022
logo
PulseCore Semiconductor
ASM3P2187A PULSECORE-ASM3P2187A_1 Datasheet
342Kb / 9P
   Spread Spectrum Clock Generator for Mobile Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com