Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB4L6254D Datasheet(PDF) 8 Page - ON Semiconductor

Part # NB4L6254D
Description  2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4L6254D Datasheet(HTML) 8 Page - ON Semiconductor

  NB4L6254D Datasheet HTML 1Page - ON Semiconductor NB4L6254D Datasheet HTML 2Page - ON Semiconductor NB4L6254D Datasheet HTML 3Page - ON Semiconductor NB4L6254D Datasheet HTML 4Page - ON Semiconductor NB4L6254D Datasheet HTML 5Page - ON Semiconductor NB4L6254D Datasheet HTML 6Page - ON Semiconductor NB4L6254D Datasheet HTML 7Page - ON Semiconductor NB4L6254D Datasheet HTML 8Page - ON Semiconductor NB4L6254D Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NB4L6254
http://onsemi.com
8
PACKAGE DIMENSIONS
DETAIL Y
A
S1
V
B
1
8
9
17
25
32
AE
AE
P
DETAIL Y
BASE
N
J
D
F
METAL
SECTION AE−AE
G
SEATING
PLANE
R
Q
_
W
K
X
E
C
H
DETAIL AD
DETAIL AD
A1
B1
V1
4X
S
4X
9
−T−
−Z−
−U−
T−U
0.20 (0.008)
Z
AC
T−U
0.20 (0.008)
Z
AB
0.10 (0.004) AC
−AC−
−AB−
M
_
8X
32 LEAD LQFP
CASE 873A−02
ISSUE C
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION:
MILLIMETER.
3. DATUM PLANE −AB− IS LOCATED AT
BOTTOM OF LEAD AND IS COINCIDENT
WITH THE LEAD WHERE THE LEAD
EXITS THE PLASTIC BODY AT THE
BOTTOM OF THE PARTING LINE.
4. DATUMS −T−, −U−, AND −Z− TO BE
DETERMINED AT DATUM PLANE −AB−.
5. DIMENSIONS S AND V TO BE
DETERMINED AT SEATING PLANE −AC−.
6. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION. ALLOWABLE
PROTRUSION IS 0.250 (0.010) PER SIDE.
DIMENSIONS A AND B DO INCLUDE
MOLD MISMATCH AND ARE
DETERMINED AT DATUM PLANE −AB−.
7. DIMENSION D DOES NOT INCLUDE
DAMBAR PROTRUSION. DAMBAR
PROTRUSION SHALL NOT CAUSE THE
D DIMENSION TO EXCEED 0.520 (0.020).
8. MINIMUM SOLDER PLATE THICKNESS
SHALL BE 0.0076 (0.0003).
9. EXACT SHAPE OF EACH CORNER MAY
VARY FROM DEPICTION.
DIM
A
MIN
MAX
MIN
MAX
INCHES
7.000 BSC
0.276 BSC
MILLIMETERS
B
7.000 BSC
0.276 BSC
C
1.400
1.600
0.055
0.063
D
0.300
0.450
0.012
0.018
E
1.350
1.450
0.053
0.057
F
0.300
0.400
0.012
0.016
G
0.800 BSC
0.031 BSC
H
0.050
0.150
0.002
0.006
J
0.090
0.200
0.004
0.008
K
0.450
0.750
0.018
0.030
M
12 REF
12 REF
N
0.090
0.160
0.004
0.006
P
0.400 BSC
0.016 BSC
Q
1
5
1
5
R
0.150
0.250
0.006
0.010
V
9.000 BSC
0.354 BSC
V1
4.500 BSC
0.177 BSC
__
__
_
_
B1
3.500 BSC
0.138 BSC
A1
3.500 BSC
0.138 BSC
S
9.000 BSC
0.354 BSC
S1
4.500 BSC
0.177 BSC
W
0.200 REF
0.008 REF
X
1.000 REF
0.039 REF


Similar Part No. - NB4L6254D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4L6254 ONSEMI-NB4L6254 Datasheet
161Kb / 11P
   2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
March, 2009 ??Rev. 3
NB4L6254FAG ONSEMI-NB4L6254FAG Datasheet
161Kb / 11P
   2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
March, 2009 ??Rev. 3
NB4L6254FAR2G ONSEMI-NB4L6254FAR2G Datasheet
161Kb / 11P
   2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
March, 2009 ??Rev. 3
NB4L6254MNG ONSEMI-NB4L6254MNG Datasheet
161Kb / 11P
   2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
March, 2009 ??Rev. 3
NB4L6254MNR4G ONSEMI-NB4L6254MNR4G Datasheet
161Kb / 11P
   2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
March, 2009 ??Rev. 3
More results

Similar Description - NB4L6254D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4L6254 ONSEMI-NB4L6254_09 Datasheet
161Kb / 11P
   2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
March, 2009 ??Rev. 3
logo
Integrated Device Techn...
MC100ES6254 IDT-MC100ES6254_13 Datasheet
358Kb / 12P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
logo
Renesas Technology Corp
MC100ES6254 RENESAS-MC100ES6254 Datasheet
643Kb / 13P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
2019
logo
Motorola, Inc
MC100ES6254 MOTOROLA-MC100ES6254 Datasheet
386Kb / 12P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
logo
Integrated Device Techn...
MC100ES6254 IDT-MC100ES6254 Datasheet
536Kb / 9P
   2.5/3.3V DIFFERENTIAL LVPECL 2x2 CLOCK SWITCH AND FANOUT BUFFER
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
   2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8V79S674 RENESAS-8V79S674 Datasheet
617Kb / 22P
   Differential-to-3.3V, 2.5V LVPECL Clock Divider and Fanout Buffer
04/10/15
logo
Integrated Circuit Syst...
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
ICS85314I-01 ICST-ICS85314I-01 Datasheet
252Kb / 19P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
ICS858012 ICST-ICS858012 Datasheet
231Kb / 15P
   LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com