Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP6G03 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP6G03
Description  110 關A Selectable Gain Amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6G03 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP6G03 Datasheet HTML 12Page - Microchip Technology MCP6G03 Datasheet HTML 13Page - Microchip Technology MCP6G03 Datasheet HTML 14Page - Microchip Technology MCP6G03 Datasheet HTML 15Page - Microchip Technology MCP6G03 Datasheet HTML 16Page - Microchip Technology MCP6G03 Datasheet HTML 17Page - Microchip Technology MCP6G03 Datasheet HTML 18Page - Microchip Technology MCP6G03 Datasheet HTML 19Page - Microchip Technology MCP6G03 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
MCP6G01/2/3/4
DS22004A-page 16
© 2006 Microchip Technology Inc.
Note: Unless otherwise indicated, TA =+25°C, VDD = +1.8V to +5.5V, VSS = GND, G = +1 V/V, VIN = (0.3V)/G,
RL =100 kΩ to VDD/2, CL = 60 pF, GSEL = VDD/2, and CS is tied low.
FIGURE 2-43:
Output Voltage vs. Chip
Select, with VDD =1.8V.
FIGURE 2-44:
GSEL Pin Current vs. GSEL
Voltage, with VDD =1.8V.
FIGURE 2-45:
GSEL Current, with GSEL
Voltage of 0.3VDD.
FIGURE 2-46:
Output Voltage vs. Chip
Select, with VDD =5.0V.
FIGURE 2-47:
GSEL Pin Current vs. GSEL
Voltage, with VDD =5.5V.
FIGURE 2-48:
GSEL Current, with GSEL
Voltage of 0.7VDD.
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Time (20 µs/div)
1.8
0
VOUT is "ON"
CS
VDD = 1.8V
VIN = 0.9VDD
Shutdown
G = 1
G = 10
G = 50
-10
-8
-6
-4
-2
0
2
4
6
8
10
0.00.2
0.40.6
0.81.0
1.21.4
1.6
1.8
GSEL Voltage (V)
TA = +25°C
= +85°C
= +125°C
VDD = 1.8V
TA = +125°C
= +85°C
= +25°C
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
20%
22%
GSEL Current (µA)
1228 Samples
GSEL = 0.3VDD
VDD = 1.8V
VDD = 5.5V
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Time (20 µs/div)
5
0
VOUT is "ON"
CS
VDD = 5.0V
VIN = 0.9VDD
Shutdown
G = 1
G = 10
G = 50
-10
-8
-6
-4
-2
0
2
4
6
8
10
0.00.5 1.01.5 2.02.5 3.03.5 4.04.5 5.0 5.5
GSEL Voltage (V)
VDD = 5.5V
TA = +25°C
= +85°C
= +125°C
TA = +125°C
= +85°C
= +25°C
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
20%
GSEL Current (µA)
1228 Samples
GSEL = 0.7VDD
VDD = 5.5V
VDD = 1.8V


Similar Part No. - MCP6G03

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6G03 MICROCHIP-MCP6G03 Datasheet
1Mb / 38P
   110 關A Selectable Gain Amplifier
2006
MCP6G03-E/MS MICROCHIP-MCP6G03-E/MS Datasheet
1Mb / 38P
   110 關A Selectable Gain Amplifier
2006
MCP6G03-E/OT MICROCHIP-MCP6G03-E/OT Datasheet
1Mb / 38P
   110 關A Selectable Gain Amplifier
2006
MCP6G03-E/SL MICROCHIP-MCP6G03-E/SL Datasheet
1Mb / 38P
   110 關A Selectable Gain Amplifier
2006
MCP6G03-E/SN MICROCHIP-MCP6G03-E/SN Datasheet
1Mb / 38P
   110 關A Selectable Gain Amplifier
2006
More results

Similar Description - MCP6G03

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6G01 MICROCHIP-MCP6G01_06 Datasheet
1Mb / 38P
   110 關A Selectable Gain Amplifier
2006
logo
Linear Technology
LT1995 LINER-LT1995 Datasheet
360Kb / 20P
   32MHz, 1000V/關s Gain Selectable Amplifier
LT1991 LINER-LT1991 Datasheet
279Kb / 28P
   Precision, 100關A Gain Selectable Amplifi er
logo
TriQuint Semiconductor
TQM7M6001 TRIQUINT-TQM7M6001 Datasheet
194Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1996 LINER-LT1996_15 Datasheet
348Kb / 24P
   Precision, 100A Gain Selectable Amplifier
LT1996 LINER-LT1996 Datasheet
351Kb / 24P
   Precision, 100uA Gain Selectable Amplifier
logo
TriQuint Semiconductor
TQS5202 TRIQUINT-TQS5202 Datasheet
548Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1991 LINER-LT1991_15 Datasheet
768Kb / 28P
   Precision, 100A Gain Selectable Amplifier
logo
Linear Integrated Syste...
LT1991 LINEAR-LT1991 Datasheet
296Kb / 24P
   Precision, 100UA Gain Selectable Amplifier
logo
Vishay Siliconix
IM-10RFCL-12 VISHAY-IM-10RFCL-12 Datasheet
114Kb / 1P
   Precision, 100UA Gain Selectable Amplifier
Revision 02-Nov-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com