Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF7021BCPZ Datasheet(PDF) 31 Page - Analog Devices

Part # ADF7021BCPZ
Description  High Performance Narrowband ISM Transceiver IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021BCPZ Datasheet(HTML) 31 Page - Analog Devices

Back Button ADF7021BCPZ Datasheet HTML 27Page - Analog Devices ADF7021BCPZ Datasheet HTML 28Page - Analog Devices ADF7021BCPZ Datasheet HTML 29Page - Analog Devices ADF7021BCPZ Datasheet HTML 30Page - Analog Devices ADF7021BCPZ Datasheet HTML 31Page - Analog Devices ADF7021BCPZ Datasheet HTML 32Page - Analog Devices ADF7021BCPZ Datasheet HTML 33Page - Analog Devices ADF7021BCPZ Datasheet HTML 34Page - Analog Devices ADF7021BCPZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
Preliminary Technical Data
ADF7021
Rev. PrI | Page 31 of 44
REGISTER 3—TRANSMIT/RECEIVE CLOCK REGISTER
FS8
0
0
.
1
1
FS7
0
0
.
1
1
FS3
0
0
.
1
1
...
...
...
...
...
...
FS2
0
1
.
1
1
FS1
1
0
.
0
1
CDR_CLK_DIVIDE
1
2
.
254
255
BK2
0
0
1
1
BK1
0
1
0
1
BBOS_CLK_DIVIDE
4
8
16
32
SK8
0
0
.
1
1
SK7
0
0
.
1
1
SK3
0
0
.
1
1
...
...
...
...
...
...
SK2
0
1
.
1
1
SK1
1
0
.
0
1
SEQ_CLK_DIVIDE
1
2
.
254
255
OK2
0
0
...
1
OK1
0
1
...
1
DEMOD_CLK_DIVIDE
INVALID
1
...
15
SEQUENCER CLOCK DIVIDE
AGC CLOCK DIVIDE
CDR CLOCK DIVIDE
DEMOD
CLOCK DIVIDE
ADDRESS
BITS
GD6
0
0
...
1
GD5
0
0
...
1
GD3
0
0
...
1
GD4
0
0
...
1
GD2
0
0
...
1
GD1
0
1
...
1
AGC_CLK_DIVIDE
INVALID
1
...
127
OK3
0
0
...
1
0
0
...
1
OK4
Figure 35.
Register 3—Transmit/Receive Clock Register Comments
Baseband offset clock frequency (BBOS_CLK) must be greater than 1 MHz and less than 2 MHz, where:
DIVIDE
CLK
BBOS
XTAL
CLK
BBOS
_
_
_
=
Set the demodulator clock (DEMOD_CLK) such that 2 MHz ≤ DEMOD_CLK ≤ 15 MHz, where:
DIVIDE
CLK
DEMOD
XTAL
CLK
DEMOD
_
_
_
=
Data/clock recovery frequency (CDR _CLK) needs to be within 2% of (32 × data rate). The user should choose CDR_CLK frequency
to be as high as possible without breaking this 2% constraint or breaking the DEMOD_CLK condition. This 2% constraint can also
affect the choice of XTAL frequency, depending on the desired data rate.
DIVIDE
CLOCK
CDR
CLK
DEMOD
CLK
CDR
_
_
_
_
=
The sequencer clock (SEQ_CLK) supplies the clock to the digital receive block. It should be as close to 100 kHz as possible.
DIVIDE
CLOCK
SEQUENCER
XTAL
CLK
SEQ
_
_
_
=
The time allowed for each AGC step to settle is determined by the AGC update rate. It should be set close to 20 kHz.
DIVIDE
AGC
CLK
SEQ
Rate
Update
AGC
_
_
[Hz] =


Similar Part No. - ADF7021BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7021BCPZ AD-ADF7021BCPZ Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
ADF7021BCPZ-RL AD-ADF7021BCPZ-RL Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
ADF7021BCPZ-RL7 AD-ADF7021BCPZ-RL7 Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
More results

Similar Description - ADF7021BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
   High Performance ISM Band Transceiver IC
REV. B
ADF7025 AD-ADF7025 Datasheet
917Kb / 44P
   High Performance ISM Band Transceiver IC
REV. A
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
logo
Texas Instruments
CC1125 TI1-CC1125_16 Datasheet
1Mb / 40P
[Old version datasheet]   Ultra-High Performance RF Narrowband Transceiver
CC1125 TI-CC1125 Datasheet
655Kb / 28P
[Old version datasheet]   Ultra-High Performance RF Narrowband Transceiver
CC1120RHBR TI-CC1120RHBR Datasheet
1Mb / 35P
[Old version datasheet]   High Performance RF Transceiver for Narrowband Systems
CC1120 TI-CC1120 Datasheet
967Kb / 30P
[Old version datasheet]   High Performance RF Transceiver for Narrowband Systems
CC1120 TI1-CC1120_14 Datasheet
1Mb / 40P
[Old version datasheet]   High-Performance RF Transceiver for Narrowband Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com