Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8220BRMZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8220BRMZ
Description  JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8220BRMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8220BRMZ Datasheet HTML 4Page - Analog Devices AD8220BRMZ Datasheet HTML 5Page - Analog Devices AD8220BRMZ Datasheet HTML 6Page - Analog Devices AD8220BRMZ Datasheet HTML 7Page - Analog Devices AD8220BRMZ Datasheet HTML 8Page - Analog Devices AD8220BRMZ Datasheet HTML 9Page - Analog Devices AD8220BRMZ Datasheet HTML 10Page - Analog Devices AD8220BRMZ Datasheet HTML 11Page - Analog Devices AD8220BRMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD8220
Rev. 0 | Page 8 of 28
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
±18 V
Power Dissipation
See Figure 3
Output Short Circuit Current
Indefinite1
Input Voltage (Common Mode)
±Vs
Differential Input Voltage
±Vs
Storage Temperature
−65°C to +125°C
Operating Temperature Range2
−40°C to +125°C
Lead Temperature Range (Soldering 10 sec)
300°C
Junction Temperature
140°C
θJA (4-layer JEDEC Standard Board)
135°C/W
Package Glass Transition Temperature
140°C
ESD (Human Body Model)
4 kV
ESD (Charge Device Model)
1 kV
ESD (Machine Model)
0.4 kV
1 Assumes the load is referenced to mid-supply.
2 Temperature for specified performance is −40°C to +85°C. For performance
to +125°C, see the
section.
Typical Performance Characteristics
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Figure 3 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the MSOP on a 4-layer
JEDEC standard board. θJA values are approximations.
2.00
0
–40
120
AMBIENT TEMPERATURE (°C)
1.75
1.50
1.25
1.00
0.75
0.50
0.25
–20
0
20
40
60
80
100
Figure 3. Maximum Power Dissipation
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD8220BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8220BRMZ AD-AD8220BRMZ Datasheet
530Kb / 28P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. B
AD8220BRMZ AD-AD8220BRMZ Datasheet
610Kb / 29P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
AD8220BRMZ-R7 AD-AD8220BRMZ-R7 Datasheet
530Kb / 28P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. B
AD8220BRMZ-R7 AD-AD8220BRMZ-R7 Datasheet
610Kb / 29P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
AD8220BRMZ-RL AD-AD8220BRMZ-RL Datasheet
530Kb / 28P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. B
More results

Similar Description - AD8220BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8220 AD-AD8220_16 Datasheet
610Kb / 29P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
AD8220ARMZ AD-AD8220ARMZ Datasheet
530Kb / 28P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. B
logo
Linear Technology
LTC6800 LINER-LTC6800_15 Datasheet
1Mb / 14P
   Rail-to-Rail, Input and Output, Instrumentation Amplifier
logo
Analog Devices
AD8224 AD-AD8224_07 Datasheet
864Kb / 28P
   Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
REV. 0
AD8224 AD-AD8224_16 Datasheet
763Kb / 29P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
AD8224ACPZ-R7 AD-AD8224ACPZ-R7 Datasheet
838Kb / 28P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
REV. B
AD8224 AD-AD8224_15 Datasheet
720Kb / 28P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
REV. C
AD8224 AD-AD8224 Datasheet
1Mb / 27P
   Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
Rev. PrB
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com