Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CE66S7 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # CE66S7
Description  0.35um CMOS Technology
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

CE66S7 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  CE66S7 Datasheet HTML 1Page - Fujitsu Component Limited. CE66S7 Datasheet HTML 2Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mixed-Signal Macros
D/A Converters
• 8-bit: 220 MHz (video)
• 8-bit: 50 MHz (video)
• 8-bit: 1.5 MHz (general purpose)
• 10-bit: 30 MHz (general purpose)
• 10-bit: 1.5 MHz (general purpose)
A/D Converters
• 6-bit: 300 MHz (disk)
• 8-bit: 50 MHz (video)
• 10-bit: 20 MHz (general purpose)
• 10-bit: 1 MHz (general purpose)
Multiplier Compiler
• Multiplicand (m): 4 < m < 32
• Multiplier (n): 4 < n < 32 (even numbers only)
Memory Macros
• SRAM Compiler: single and dual port (1 R/W, 1R),
up to 72K bits per block, partial write option
• ROM Compiler: up to 512K bits per block
• Delay line: up to 32K bits
Phase-Locked Loops
• Analog: 50-200 MHz
• Digital: 180-360 MHz (Preliminary)
I/Os
• 3.3V, 5V, and 5V tolerant
• Slew-rate controlled
• CMOS, TTL, LVTTL, T-LVTTL, SDRAM I/F,
PCI, I2C, USB
SOC IP Cores
ARC 32-bit RISC
832/833/835 SPARClite Hard Macros
Oak DSP Hard Macro
10/100 MAC
64/256 QAM
MPEG2 Decoder/Demultiplexer
8VSB TV Demodulator
AC-3 Dolby Voice Decoder
JPEG Encoder and Decoder
PCI–33/66 MHz, 32/64-bit cores
USB Host Controller/Device
I2C
IDE (ATA3) Host Controller
Smart Card I/F
IRDA I/R Interface
More IPs are being added
ASIC Design Kit and EDA Support
Verilog Logic Simulators from
Verilog-XL, NC-Verilog,
Cadence, Synopsys, and Mentor
VCS, Model-sim (Verilog)
VHDL/VITAL Logic
VSS, Model-sim (VHDL), V-System,
Simulators from Synopsys,
Leapfrog
Cadence, and Mentor
Synthesis, DFT, and STA tools
Design Compiler, Test Compiler,
from Synopsys
PrimeTime, MOTIVE, and
Sunrise TestGen
Other EDA tools
Chrysalis Design Verifyer
PACKAGE AVAILABILITY
No. of Pins
Frame Size
TQFP
100
P1, P2, P3, P4, P5, P6, P7, P8, P9, PA, PB, PC, PD, PE, PF, S1, S2
LQFP
100
P1, P2, P3, P4, P5, P6, P7, P8, P9, PA, PB, PC, PD, PE, PF, S1, S2
144
P1, P2, P3, P4, P5, P6, P7, P8, P9, PA, PB, PC, PD, PE, PF, S1, S2
176
P3, P4, P5, P6, P7, P8, P9, PA, PB, PC, PD, PE, PF
208
P6, P7, P8, P9, PA, PB, PC, PD, S5, S6, S7
QFP
120
P1, P2, P3, P4, P5, P6, P7, P8, P9, PA, PB, PC, PD, PE, PF, S1, S2
144
P1, P2, P3, P4, P5, P6, P7, P8, P9, PA, PB, PC, PD, PE, PF, S1, S2
160
P2, P3, P4, P5, P6, P7, P8, P9, PA, PB, PC, PD, PE, PF, S2, S3, S4
176
P3, P4, P5, P6, P7, P8, P9, PA, PB, PC, PD, PE, PF, S3, S4
208
P5, P6, P7, P8, P9, PA, PB, PC, PD, PE, PF, S5, S6
240
P8, P9, PA, PB, PC, PD, PE, PF, S7, S8
256
P9, PA, PB, PC, PD, PE, PF
HQFP
208
P5, P6, P7, P8, P9, PA, PB, PC, PD, PE, PF, S5, S6
240
P8, P9, PA, PB, PC, PD, PE, PF, S7, S8
256
P9, PA, PB, PC, PD, PE, PF, S8
304
PC, PD, PE, PF, S9, SA
PBGA
256
P9, PA, PB, PC, PD, PE, PF, S7, S8
352
PF, SA
FBGA
112
P2, P3, P4, P5, P6, P7, S1, S2, S3
144
P3, P4, P5, P6, P7, S1, S2, S3, S4
168
P6, P7, P8, P9, S3, S4, S5, S6, S7
176
P3, P4, P5, P6, P7, P8, P9, PA, PB, PC, PD, S3, S4
192
P4, P5, P6, P7, P8, P9, PA, PB, PC, PD, PE, PF, S4, S5
224
P7, P8, P9, PA, PB, PC, PD, PE, PF, S6, S7
288
PC, PD, PE, PF, S8, S9, SA
CE66 Series Embedded Array
© 1999 Fujitsu Microelectronics, Inc.
All company and product names are trademarks or
registered trademarks of their respective owners.
Printed in the U.S.A. ASIC-FS-20640-11/99
FUJITSU MICROELECTRONICS
AMERICA, INC.
Corporate Headquarters
1250 East Arques Avenue, Sunnyvale, California 94088-3470
Tel: (800) 866-8608 Fax: (408)
737-5999
E-mail:
inquiry@fma.fujitsu.com Web Site: http://www.fma.fujitsu.com


Similar Part No. - CE66S7

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CE66.5100.151 SCHURTER-CE66.5100.151 Datasheet
563Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-or 2-pole (5 x 20 mm or 6.3x32 mm, with or without voltage selector (series-parallel)
More results

Similar Description - CE66S7

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2107DW IKSEMICON-IK2107DW Datasheet
297Kb / 17P
   CMOS Technology
logo
Shenzhen Titan Micro El...
TM1628 TITAN-TM1628 Datasheet
418Kb / 14P
   CMOS Technology
logo
HB Electronic Component...
5XRGB-F2-F HB-5XRGB-F2-F Datasheet
159Kb / 3P
   CMOS Technology
5XRGB-F2-S HB-5XRGB-F2-S Datasheet
160Kb / 3P
   CMOS Technology
logo
Fujitsu Component Limit...
CE71 FUJITSU-CE71 Datasheet
56Kb / 4P
   0.25um CMOS Technology
CS200 FUJITSU-CS200 Datasheet
603Kb / 2P
   65nm CMOS Technology
logo
M/A-COM Technology Solu...
MADR-009190 MA-COM-MADR-009190 Datasheet
772Kb / 10P
   High Voltage CMOS Technology
logo
Micon Design Technology...
MDT75C272 MDTIC-MDT75C272 Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
MDT75C273 MDTIC-MDT75C273 Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
logo
Texas Instruments
TMS320C242 TI1-TMS320C242_09 Datasheet
902Kb / 74P
[Old version datasheet]   High-Performance Static CMOS Technology
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com