Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADD8754 Datasheet(PDF) 11 Page - Analog Devices

Part # ADD8754
Description  LCD Panel Power, VCOM, and Gate Modulation
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8754 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADD8754 Datasheet HTML 7Page - Analog Devices ADD8754 Datasheet HTML 8Page - Analog Devices ADD8754 Datasheet HTML 9Page - Analog Devices ADD8754 Datasheet HTML 10Page - Analog Devices ADD8754 Datasheet HTML 11Page - Analog Devices ADD8754 Datasheet HTML 12Page - Analog Devices ADD8754 Datasheet HTML 13Page - Analog Devices ADD8754 Datasheet HTML 14Page - Analog Devices ADD8754 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADD8754
Rev. 0 | Page 11 of 28
50k
Ω
25k
Ω
10k
Ω
5k
Ω
0k
Ω
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
100
200
300
400
500
600
700
CAPACITANCE CE (pF)
0
T
1
Ch1
2.00 V
A Ch1
12.0 V
M 40.0ns
Δ: 8.00V
@: 5.04V
Δ: 102ns
@: –83.2ns
Rising Slew Rate, VDD_2 = 14 V
Figure 15. V
Figure 17. GPM Delay Time vs. CE Capacitance
COM
1
T
Ch1
2.00 V
A Ch1
5.16 V
M 40.0ns
Δ: 8.08V
@: 9.08V
Δ: 60.8ns
@: 1.88
μs
Falling Slew Rate, VDD_2 = 14 V
Figure 16. VCOM


Similar Part No. - ADD8754

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8754-EVAL AD-ADD8754-EVAL Datasheet
712Kb / 12P
   Evaluation Kit for LCD Power, VCOM, and Gate Modulation
REV. A
ADD8754 AD-ADD8754_15 Datasheet
516Kb / 28P
   LCD Panel Power, V, and Gate Modulation
REV. 0
More results

Similar Description - ADD8754

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8754-EVAL AD-ADD8754-EVAL Datasheet
712Kb / 12P
   Evaluation Kit for LCD Power, VCOM, and Gate Modulation
REV. A
ADD8754 AD-ADD8754_15 Datasheet
516Kb / 28P
   LCD Panel Power, V, and Gate Modulation
REV. 0
ADD8733 AD-ADD8733 Datasheet
250Kb / 16P
   Integrated TFT Panel Power Supply with Gate Modulation and VCOM
Rev. PrA
logo
Maxim Integrated Produc...
MAX16927 MAXIM-MAX16927 Datasheet
1Mb / 36P
   Automotive TFT-LCD Power Supply with Boost, Buck, and Cuk Converters, VCOM Buffers, Gate Drivers, and SPI Interface
Rev 6; 5/18
logo
Intersil Corporation
ISL97649A INTERSIL-ISL97649A Datasheet
1,008Kb / 20P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
ISL97649B INTERSIL-ISL97649B Datasheet
929Kb / 19P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
logo
Renesas Technology Corp
ISL97649A RENESAS-ISL97649A Datasheet
1Mb / 22P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
VPA2000 RENESAS-VPA2000 Datasheet
1Mb / 25P
   TFT-LCD Power Supply with VCOM Amplifier
2019
logo
STMicroelectronics
STVM100 STMICROELECTRONICS-STVM100 Datasheet
286Kb / 27P
   I2C LCD VCOM calibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com