Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M81703FP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M81703FP
Description  HIGH VOLTAGE HALF BRIDGE DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M81703FP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M81703FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M81703FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M81703FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M81703FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M81703FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Mar. 2002
PRELIMINARY
Notice:
This
is not
a final
specification.
Som
e param
etric lim
its are
subject
to change.
V
V
V
V
V
V
V
V
V
V
V/ns
W
mW/
°C
°C/W
°C
°C
°C
V
V
V
V
V
V
V
VS+10
0
10
10
5
0
–5
VS+20
500
20
20
20
VDD
5
ABSOLUTE MAXIMUM RATINGS
High Side Floating Supply Absolute Voltage
High Side Floating Supply Offset Voltage
High Side Floating Supply Voltage
Low Side Fixed Supply Voltage
Logic Supply Voltage
Logic Input Voltage
Low Side Return Offset Voltage
Symbol
Unit
Parameter
Test Conditions
Limits
Min.
Typ.
Max.
VBS = VB-VS
HIN, LIN
VB
VS
VBS
VCC
VDD
VIN
LGND
–0.5 ~ 624
–0.5 ~ 600
–0.5 ~ 24
–5
VS–0.5 ~ VB+0.5
–0.5 ~ 24
–0.5 ~ VCC+0.5
–0.5 ~ 24
–0.5 ~ VDD+0.5
–5 ~ VCC+0.5
±50
0.88
–8.8
50
–20 ~ 125
–20 ~ 75
–40 ~ 125
VBS = VB-VS
PW < 1
µs
HIN, LIN
VCC-LGND < 24V
Ta = 25
°C, On Board
Ta > 25
°C, On Board
High Side Floating Supply Absolute Voltage
High Side Floating Supply Offset Voltage
High Side Floating Supply Voltage
Allowable Offset Supply Voltage minus serge
High Side Output Voltage
Low Side Fixed Supply Voltage
Low Side Output Voltage
Logic Supply Voltage
Logic Input Voltage
Low Side Return Offset Voltage
Allowable Offset Supply Voltage Transient
Package Power Dissipation
Linear Derating Factor
Junction-Case Thermal Resistance
Junction Temperature
Operation Temperature
Storage Temperature
VB
VS
VBS
–VS
VHO
VCC
VLO
VDD
VIN
LGND
dVS/dt
Pd
K
q
Rth(j-c)
Tj
Topr
Tstg
Symbol
Parameter
Conditions
Ratings
Unit
RECOMMENDED OPERATING CONDITIONS
MITSUBISHI SEMICONDUCTORS <HVIC>
M81703FP
HIGH VOLTAGE HALF BRIDGE DRIVER
PERFORMANCE CURVES
Thermal Derating Factor Characteristics
2.0
1.5
1.0
0.5
0
125
100
75
50
25
0
Temperature [
]


Similar Part No. - M81703FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M81700FP MITSUBISHI-M81700FP Datasheet
50Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81701FP MITSUBISHI-M81701FP Datasheet
46Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81702FP MITSUBISHI-M81702FP Datasheet
49Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81705FP MITSUBISHI-M81705FP Datasheet
52Kb / 8P
   HIGH VOLTAGE HIGH SIDE DRIVER
logo
Powerex Power Semicondu...
M81706AFP POWEREX-M81706AFP Datasheet
222Kb / 4P
   HVIC High Voltage Half-Bridge Driver 600 Volts/120mA/-250mA
More results

Similar Description - M81703FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M81702FP MITSUBISHI-M81702FP Datasheet
49Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81700FP MITSUBISHI-M81700FP Datasheet
50Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384 STMICROELECTRONICS-L6384 Datasheet
78Kb / 10P
   HIGH-VOLTAGE HALF BRIDGE DRIVER
logo
Mitsubishi Electric Sem...
M81713FP MITSUBISHI-M81713FP_09 Datasheet
78Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81736FP MITSUBISHI-M81736FP Datasheet
618Kb / 7P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81740FP MITSUBISHI-M81740FP Datasheet
265Kb / 10P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384D013TR STMICROELECTRONICS-L6384D013TR Datasheet
153Kb / 10P
   HIGH-VOLTAGE HALF BRIDGE DRIVER
logo
Mitsubishi Electric Sem...
M81731FP MITSUBISHI-M81731FP Datasheet
79Kb / 6P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M63991FP MITSUBISHI-M63991FP Datasheet
75Kb / 8P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
ON Semiconductor
NCP5104 ONSEMI-NCP5104_15 Datasheet
110Kb / 15P
   High Voltage, Half Bridge Driver
June, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com