Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF763 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BF763
Description  NPN 2 GHz wideband transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF763 Datasheet(HTML) 3 Page - NXP Semiconductors

  BF763 Datasheet HTML 1Page - NXP Semiconductors BF763 Datasheet HTML 2Page - NXP Semiconductors BF763 Datasheet HTML 3Page - NXP Semiconductors BF763 Datasheet HTML 4Page - NXP Semiconductors BF763 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
September 1995
3
Philips Semiconductors
Product specification
NPN 2 GHz wideband transistor
BF763
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)CEO
collector-emitter breakdown voltage IC = 1 mA; IB =0
15
−−
V
V(BR)CBO
collector-base breakdown voltage
IC =10 µA; IE =0
25
−−
V
VCE sat
collector-emitter saturation voltage
IC = 10 mA; IB = 1 mA
−−
0.5
V
ICBO
collector cut-off current
IE = 0; VCB = 10 V
−−
50
nA
hFE
DC current gain
IC = 5 mA; VCE = 10 V
25
250
fT
transition frequency
IC = 5 mA; VCE = 10 V; f = 100 MHz
1.8
GHz
F
noise figure
IC = 5 mA; VCE = 10 V; f = 800 MHz;
Tamb =25 °C; Zs =60 Ω
5.0
dB


Similar Part No. - BF763

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BF763 NJSEMI-BF763 Datasheet
76Kb / 2P
   NPN 2 GHz wideband transistor
More results

Similar Description - BF763

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF689K PHILIPS-BF689K Datasheet
27Kb / 5P
   NPN 2 GHz wideband transistor
September 1995
BFT25 PHILIPS-BFT25 Datasheet
60Kb / 8P
   NPN 2 GHz wideband transistor
November 1992
logo
New Jersey Semi-Conduct...
BF763 NJSEMI-BF763 Datasheet
76Kb / 2P
   NPN 2 GHz wideband transistor
logo
Quanzhou Jinmei Electro...
BFT25 JMNIC-BFT25_15 Datasheet
57Kb / 8P
   NPN 2 GHz wideband transistor
logo
NXP Semiconductors
BFR53 PHILIPS-BFR53 Datasheet
89Kb / 12P
   NPN 2 GHz wideband transistor
1997 Oct 28
BFG16A PHILIPS-BFG16A Datasheet
71Kb / 8P
   NPN 2 GHz wideband transistor
1995 Sep 12
logo
New Jersey Semi-Conduct...
BF689K NJSEMI-BF689K Datasheet
89Kb / 2P
   NPN 2 GHz wideband transistor
logo
Quanzhou Jinmei Electro...
BFT25_2015 JMNIC-BFT25_2015 Datasheet
57Kb / 8P
   NPN 2 GHz wideband transistor
logo
NXP Semiconductors
BFT25_CNV PHILIPS-BFT25_CNV_15 Datasheet
221Kb / 10P
   NPN 2 GHz wideband transistor
November 1992
BFG91 PHILIPS-BFG91 Datasheet
544Kb / 10P
   NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com