Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KP375 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # KP375
Description  AC and Pulse Polypropylene Film Capacitors KP/MKP Radial Epoxy Lacquered Type
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KP375 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button KP375 Datasheet HTML 2Page - Vishay Siliconix KP375 Datasheet HTML 3Page - Vishay Siliconix KP375 Datasheet HTML 4Page - Vishay Siliconix KP375 Datasheet HTML 5Page - Vishay Siliconix KP375 Datasheet HTML 6Page - Vishay Siliconix KP375 Datasheet HTML 7Page - Vishay Siliconix KP375 Datasheet HTML 8Page - Vishay Siliconix KP375 Datasheet HTML 9Page - Vishay Siliconix KP375 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Document Number: 28127
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 30-Nov-05
253
KP/MKP 375
AC and Pulse Polypropylene
Film Capacitors KP/MKP
Radial Epoxy Lacquered Type
Vishay BCcomponents
SPECIFIC REFERENCE DATA (1000 VDC)
URdc = 1000 V; URac = 400 V; Up-p = 1000 V (standard)
0.22
12.5
× 28.5 × 30.0
7.1
90369
300
0.24
13.0
× 29.0 × 30.0
7.7
90371
250
0.27
13.5
× 29.5 × 30.0
8.5
90372
250
DESCRIPTION
VALUE
Tangent of loss angle:
at 10 kHz
at 100 kHz
Pitch
= 10 mm, 15 mm and 7.5 mm (bent back)
≤ 6 × 10−4
≤ 10 × 10−4
Pitch
= 22.5 mm
≤ 6 × 10−4
≤ 10 × 10−4
Pitch
= 27.5 mm
≤ 6 × 10−4
≤ 15 × 10−4
Rated voltage pulse slope (dU/dt)R:
Pitch
= 10 mm
27000 V/µs
Pitch
= 15 mm and 7.5 mm (bent back)
15000 V/µs
Pitch
= 22.5 mm
5000 V/µs
Pitch
= 27.5 mm
3300 V/µs
R between leads at 500 V; 1 minute
> 100000 MΩ
R between interconnected leads and case; 500 V; 1 minute
> 100000 MΩ
Ionization (AC) voltage (typical value) at 50 pC peak discharge
> 500 V
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s:
for C
≤ 47 nF
1600 V; 1 minute
for C
> 47 nF
1200 V; 1 minute
Withstanding (DC) voltage between leads and case
2840 V; 1 minute
DIMENSIONS
wmax × h(h')max × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 375 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt = 5.0 ± 1.0 mm
all leads
REEL
500 mm
REEL
356 mm
REEL
500 mm
C-tol = ± 5 %
C-tol = ± 5 %
last 5 digits of
catalog number
SPQ
last 5 digits of
catalog number
SPQ
SPQ
SPQ
C (pF)
pitch = 10.0 ± 0.4 mm; dt = 0.60 ± 0.06 mm
pitch
= 7.5 mm (bent back)
pitch
= 10.0 mm
100
5.0
× 13.0 × 14.5
0.50
24101
2000
1200
110
24111
120
24121
130
24131
DIMENSIONS
wmax × h(h')max × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 375 ..... AND PACKAGING
LOOSE IN BOX
lt = 4.0 + 1.0/- 0.5 mm
C-tol = ± 5 %
last 5 digits of catalog number
SPQ


Similar Part No. - KP375

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KP375 ETC2-KP375 Datasheet
1Mb / 54P
   AC and Pulse
More results

Similar Description - KP375

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP479 VISHAY-MKP479 Datasheet
450Kb / 24P
   AC and Pulse Polypropylene Film Capacitors MKP Radial Epoxy Lacquered Type
Revision: 21-Nov-05
KP374 VISHAY-KP374 Datasheet
121Kb / 8P
   AC and Pulse Polypropylene Film Foil Capacitors KP Radial Epoxy Lacquered Type
Revision: 26-Jul-06
MMKP483 VISHAY-MMKP483 Datasheet
216Kb / 21P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Epoxy Lacquered Type
01-Sep-03
KP460 VISHAY-KP460 Datasheet
232Kb / 11P
   Polypropylene Film Foil Capacitors KP Axial Epoxy Lacquered Type
Revision: 25-Aug-03
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com