Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4422S-DS0025 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 4422S-DS0025
Description  Heavy Duty Incremental Rotary Shaft Encoder
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

4422S-DS0025 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  4422S-DS0025 Datasheet HTML 1Page - List of Unclassifed Manufacturers 4422S-DS0025 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensional Drawings
Wire Drawings
15
Series 4000 Standard
call for sealed dimensions
Ordering Information
4
4
2
1
_—
Series
Shaft Diameter
1=1/4"(0.2497")
3=3/8" (0.3747)
4=1/2" (0.4997)
Shaft Extension
1=Single
2=Double
Mounting Type
1=10-32 BHC on Shaft Ends &
Base
2=Flanged Base (BHC on Shaft
Ends)
Encoder Type
_=Standard Encoder
S=Sealed (Elastomer)
T=Sealed (PTFE)
A
Q
0600
Channel Outputs
A=NPN 3.3K Pullup
B=NPN Open Collector
D=NPN 1.5K Pullup
F=5Vdc TTL NPN w/Pullup
G=5Vdc TTL NPN OC
H=PNP Sourcing Output
K=5Vdc Line Driver
L=8 to 15 Vdc Line Driver
Channel Types
S=Single Output
Q=Quadrature Output
P=1st Output CW Pulses
2nd Output CCW Pulses
U=1st Output Pulse Train
2nd Output Logic High for CW
Rotation. Low for CCW Rotation
PPR (Pulses per Revolution)
For all Channel Types
0025
0030
0050
0060
0075
0090
0093
0096
0100
0120
0125
0128
0135
0150
0180
0186
0192
0200
0210
0240
0250
0256
0270
0300
0360
0372
0400
0420
0480
0500
0512
0540
0600
0720
0840
0960
1000
1024
Added Channel Types “S” “P” “U” (Square Wave)
0384 0744 0800 1080 1200 1440 1680 1920 2000 2048
Added “S” “P” “U” (5-10 & 25-35 µSec Pulses)
0768 1488 1600 2160 2400 2880 3360 3840 4000 4096
Consult factory for PPR not listed


Similar Part No. - 4422S-DS0025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4422S-DS4096 ETC1-4422S-DS4096 Datasheet
124Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
More results

Similar Description - 4422S-DS0025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4111S-AS4096 ETC1-4111S-AS4096 Datasheet
124Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
N25SA-112-AQ0600-AI ETC1-N25SA-112-AQ0600-AI Datasheet
259Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
N35T-335-KQ1000-KI ETC1-N35T-335-KQ1000-KI Datasheet
219Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
2321S-AQ0600-AQ0120 ETC1-2321S-AQ0600-AQ0120 Datasheet
139Kb / 2P
   Medium Duty Incremental Rotary Shaft Encoder
logo
Pepperl+Fuchs Inc.
ENI11HD-H PF-ENI11HD-H Datasheet
992Kb / 6P
   Heavy-duty incremental encoder
ENI11HD-R PF-ENI11HD-R Datasheet
926Kb / 6P
   Heavy-duty incremental encoder
logo
TT Electronics.
OPE1275S TTELEC-OPE1275S Datasheet
236Kb / 4P
   Incremental Shaft Encoder
OPE1275H TTELEC-OPE1275H Datasheet
323Kb / 4P
   Incremental Hollow Shaft Encoder
logo
Pepperl+Fuchs Inc.
TSI40N PF-TSI40N Datasheet
278Kb / 3P
   Incremental rotary encoder
TVI58N PF-TVI58N Datasheet
214Kb / 3P
   Incremental rotary encoder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com