Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4411T-DS4096 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 4411T-DS4096
Description  Heavy Duty Incremental Rotary Shaft Encoder
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

4411T-DS4096 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  4411T-DS4096 Datasheet HTML 1Page - List of Unclassifed Manufacturers 4411T-DS4096 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensional Drawings
Wire Drawings
17
Series 4000HR Standard
call for sealed dimensions
4
X
X
X
_—
Series
Shaft Diameter
1=1/4" (0.2497")
3=3/8" (0.3747)
4=1/2" (0.4997)
Shaft Extension
1=Single
2=Double
Mounting Type
1=10-32 BHC on shaft ends
and base
2=Flanged base (BHC on
shaft ends)
Encoder Type
_=Standard Encoder
S=Sealed (Elastomer)
T=Sealed (PTFE)
X
X
4096
Channel Outputs
A=NPN 3.3K Pullup
B= NPN Open Collector
D= NPN 1.5K Pullup
F= 5Vdc TTL NPN w/Pullup
G=5Vdc TTL NPN OC
H=PNP Sourcing Output
K=5Vdc Line Driver
L=8 to 15 Vdc Line Driver
PPR (Pulses per Revolution)
Channel Types
S=Single Output
Q= Quadrature Output
P= 1st Output CW Pulses
2nd Output CCW Pulses
U= 1st Output Pulse Train
2nd Output Logic High for
CW Rotation.
Low for CCW Rotation
Ordering Information


Similar Part No. - 4411T-DS4096

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4411T-DS0025 ETC1-4411T-DS0025 Datasheet
122Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
More results

Similar Description - 4411T-DS4096

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4421S-AQ0600 ETC1-4421S-AQ0600 Datasheet
122Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
N25SA-112-AQ0600-AI ETC1-N25SA-112-AQ0600-AI Datasheet
259Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
N35T-335-KQ1000-KI ETC1-N35T-335-KQ1000-KI Datasheet
219Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
2321S-AQ0600-AQ0120 ETC1-2321S-AQ0600-AQ0120 Datasheet
139Kb / 2P
   Medium Duty Incremental Rotary Shaft Encoder
logo
Pepperl+Fuchs Inc.
ENI11HD-H PF-ENI11HD-H Datasheet
992Kb / 6P
   Heavy-duty incremental encoder
ENI11HD-R PF-ENI11HD-R Datasheet
926Kb / 6P
   Heavy-duty incremental encoder
logo
TT Electronics.
OPE1275S TTELEC-OPE1275S Datasheet
236Kb / 4P
   Incremental Shaft Encoder
OPE1275H TTELEC-OPE1275H Datasheet
323Kb / 4P
   Incremental Hollow Shaft Encoder
logo
Pepperl+Fuchs Inc.
TSI40N PF-TSI40N Datasheet
278Kb / 3P
   Incremental rotary encoder
TVI58N PF-TVI58N Datasheet
214Kb / 3P
   Incremental rotary encoder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com