Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C2D10120D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. C2D10120D
Description  Silicon Carbide Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C2D10120D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  C2D10120D Datasheet HTML 1Page - List of Unclassifed Manufacturers C2D10120D Datasheet HTML 2Page - List of Unclassifed Manufacturers C2D10120D Datasheet HTML 3Page - List of Unclassifed Manufacturers C2D10120D Datasheet HTML 4Page - List of Unclassifed Manufacturers C2D10120D Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
C2D10120D Rev. -
Electrical Characteristics (Per Leg)
Symbol
Parameter
Typ.
Max.
Unit
Test Conditions
Note
V
F
Forward Voltage
1.6
2.6
1.8
3.0
V
I
F = 5 A
T
J=25°C
I
F = 5 A
T
J=175°C
I
R
Reverse Current
50
100
200
1000
μA
V
R = 1200 V
T
J=25°C
V
R = 1200 V
T
J=175°C
Q
C
Total Capacitive Charge
28
nC
V
R = 1200 V, IF = 5 A
di/dt = 500 A/μs
T
J = 25°C
C
Total Capacitance
455
45
33
pF
V
R = 0 V, TJ = 25°C, f = 1 MHz
V
R = 200 V, TJ = 25˚C, f = 1 MHz
V
R = 400 V, TJ = 25˚C, f = 1 MHz
Note:
This is a majority carrier diode, so there is no reverse recovery charge.
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Unit
Test Conditions
Note
R
θJC
Thermal Resistance from Junction
to Case
1.08**
0.54*
°C/W
**
Per Leg, * Both Legs
Typical Performance (Per Leg)
1.
Figure 1. Forward Characteristics
0
1
2
3
4
5
6
7
8
9
10
0.0
1.0
2.0
3.0
4.0
5.0
VF Forward Voltage (V)
T
J = 25°C
T
J = 75°C
T
J = 125°C
T
J = 175°C
Figure 2. Reverse Characteristics
0
20
40
60
80
100
120
140
160
180
200
0
500
1000
1500
VR Reverse Voltage (V)
T
J = 25°C
T
J = 75°C
T
J = 125°C
T
J = 175°C


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SDT05S60 Silicon Carbide Schottky Diode 1  2  3  4  5  More Infineon Technologies AG
SIDC05D60SIC3 Silicon Carbide Schottky Diode 1  2  3  4  Infineon Technologies AG
SDT02S60 Silicon Carbide Schottky Diode 1  2  3  4  5  More Infineon Technologies AG
SIDC11D60SIC3 Silicon Carbide Schottky Diode 1  2  3  4  Infineon Technologies AG
SIDC16D60SIC3 Silicon Carbide Schottky Diode 1  2  3  4  Infineon Technologies AG
SIDC19D60SIC3 Silicon Carbide Schottky Diode 1  2  3  4  Infineon Technologies AG
SIDC24D30SIC3 Silicon Carbide Schottky Diode 1  2  3  4  Infineon Technologies AG
C2D05120 Silicon Carbide Schottky Diode 1  2  3  4  5  List of Unclassifed Manufacturers
SIDC24D60SIC3 Silicon Carbide Schottky Diode 1  2  3  4  Infineon Technologies AG
C2D10120 Silicon Carbide Schottky Diode 1  2  3  4  5  List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn