Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2D05120 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C2D05120
Description  Silicon Carbide Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C2D05120 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C2D05120 Datasheet HTML 1Page - List of Unclassifed Manufacturers C2D05120 Datasheet HTML 2Page - List of Unclassifed Manufacturers C2D05120 Datasheet HTML 3Page - List of Unclassifed Manufacturers C2D05120 Datasheet HTML 4Page - List of Unclassifed Manufacturers C2D05120 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image

Subject to change without notice.
www.cree.com/power
C2D0520–Silicon Carbide Schottky Diode
Zero recovery® RectifieR
V
RRM = 1200 V
I
F
= 5 A
Q
c
= 28 nC
Features
1200-Volt Schottky Rectifier
Zero Reverse Recovery
Zero Forward Recovery
High-Frequency Operation
Temperature-Independent Switching Behavior
Extremely Fast Swtitching
Positive Temperature Coefficient on V
F
Benefits
Replace Bipolar with Unipolar Rectifiers
Essentially No Switching Losses
Higher Efficiency
Reduction of Heat Sink Requirements
Parallel Devices Without Thermal Runaway
Applications
Switch Mode Power Supplies
Power Factor Correction
Motor Drives
High Voltage Multipliers
Package
TO-220-2
Maximum Ratings
Symbol
Parameter
Value
Unit
Test Conditions
Note
V
RRM
Repetitive Peak Reverse Voltage
1200
V
V
RSM
Surge Peak Reverse Voltage
1200
V
V
DC
DC Blocking Voltage
1200
V
I
F(AVG)
Average Forward Current
5
10
A
T
C=160˚C, DC
T
C=125˚C, DC
I
F(PEAK)
Peak Forward Current
15
A
T
C=125˚C, TREP<1mS, Duty=0.5
I
FRM
Repetitive Peak Forward Surge Current
30
A
T
C=25˚C, tP=8.3 ms, Half Sine Wave
I
FSM
Non-Repetitive Peak Forward Surge Current
100
A
T
C=25˚C, tP=10 µs, Pulse
P
tot
Power Dissipation
136
45
W
T
C=25˚C
T
C=125˚C
T
J , Tstg
Operating Junction and Storage Temperature
-55 to
+175
˚C
Part Number
Package
Marking
C2D05120A
TO-220-2
C2D05120


Similar Part No. - C2D05120

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C2D05120A CREE-C2D05120A Datasheet
520Kb / 6P
   Silicon Carbide Schottky Diode Zero Recovery Rectifier
C2D05120A CREE-C2D05120A_14 Datasheet
520Kb / 6P
   Silicon Carbide Schottky Diode
C2D05120E CREE-C2D05120E Datasheet
391Kb / 6P
   Silicon Carbide Schottky Diode Zero Recovery Rectifier
More results

Similar Description - C2D05120

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
   Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
   Silicon Carbide Schottky Diode
2004-02-11
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
   Silicon Carbide Schottky Diode
2001-09-07
logo
Pan Jit International I...
SIC04A065ND PANJIT-SIC04A065ND Datasheet
575Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
logo
Infineon Technologies A...
IDH08G120C5 INFINEON-IDH08G120C5_15 Datasheet
879Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
IDH10G120C5 INFINEON-IDH10G120C5_15 Datasheet
886Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
logo
Pan Jit International I...
SIC06A065D PANJIT-SIC06A065D Datasheet
426Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
SIC06A065S PANJIT-SIC06A065S Datasheet
411Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
logo
Cree, Inc
C3D16065A CREE-C3D16065A Datasheet
850Kb / 6P
   Silicon Carbide Schottky Diode
C3D30065D CREE-C3D30065D Datasheet
922Kb / 6P
   Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com