Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C2D05120 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # C2D05120
Description  Silicon Carbide Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C2D05120 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  C2D05120 Datasheet HTML 1Page - List of Unclassifed Manufacturers C2D05120 Datasheet HTML 2Page - List of Unclassifed Manufacturers C2D05120 Datasheet HTML 3Page - List of Unclassifed Manufacturers C2D05120 Datasheet HTML 4Page - List of Unclassifed Manufacturers C2D05120 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
C2D05120 Rev. -
Electrical Characteristics
Symbol
Parameter
Typ.
Max.
Unit
Test Conditions
Note
V
F
Forward Voltage
1.6
2.6
1.8
3.0
V
I
F = 5 A
T
J=25°C
I
F = 5 A
T
J=175°C
I
R
Reverse Current
50
100
200
1000
μA
V
R = 1200 V
T
J=25°C
V
R = 1200 V
T
J=175°C
Q
C
Total Capacitive Charge
28
nC
V
R = 1200 V, IF = 5 A
di/dt = 500 A/μs
T
J = 25°C
C
Total Capacitance
455
45
33
pF
V
R = 0 V, TJ = 25°C, f = 1 MHz
V
R = 200 V, TJ = 25˚C, f = 1 MHz
V
R = 400 V, TJ = 25˚C, f = 1 MHz
Note:
This is a majority carrier diode, so there is no reverse recovery charge.
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Unit
Test Conditions
Note
R
θJC
Thermal Resistance from Junction
to Case
1.1
°C/W
Typical Performance
1.
Figure 1. Forward Characteristics
0
1
2
3
4
5
6
7
8
9
10
0.0
1.0
2.0
3.0
4.0
5.0
VF Forward Voltage (V)
T
J = 25°C
T
J = 75°C
T
J = 125°C
T
J = 175°C
Figure 2. Reverse Characteristics
0
20
40
60
80
100
120
140
160
180
200
0
500
1000
1500
VR Reverse Voltage (V)
T
J = 25°C
T
J = 75°C
T
J = 125°C
T
J = 175°C


Similar Part No. - C2D05120

ManufacturerPart #DatasheetDescription
Cree, Inc
Cree, Inc
C2D05120A CREE-C2D05120A Datasheet
520Kb / 6P
   Silicon Carbide Schottky Diode Zero Recovery Rectifier
C2D05120A CREE-C2D05120A_14 Datasheet
520Kb / 6P
   Silicon Carbide Schottky Diode
C2D05120E CREE-C2D05120E Datasheet
391Kb / 6P
   Silicon Carbide Schottky Diode Zero Recovery Rectifier
More results

Similar Description - C2D05120

ManufacturerPart #DatasheetDescription
Cree, Inc
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
Infineon Technologies AG
Infineon Technologies A...
SDT05S60 INFINEON-SDT05S60 Datasheet
353Kb / 8P
   Silicon Carbide Schottky Diode
Rev. 2.1 2005-02-17
IDH08G120C5 INFINEON-IDH08G120C5_15 Datasheet
879Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
IDH10G120C5 INFINEON-IDH10G120C5_15 Datasheet
886Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
   Silicon Carbide Schottky Diode
22.04.2004
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
   Silicon Carbide Schottky Diode
2001-09-07
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
   Silicon Carbide Schottky Diode
2004-02-11
SDP06S60 INFINEON-SDP06S60_08 Datasheet
644Kb / 9P
   Silicon Carbide Schottky Diode
Rev. 2.4 2008-06-02
Cree, Inc
Cree, Inc
C3D08065A CREE-C3D08065A Datasheet
544Kb / 6P
   Silicon Carbide Schottky Diode
C3D10065A CREE-C3D10065A Datasheet
773Kb / 6P
   Silicon Carbide Schottky Diode
C3D08065I CREE-C3D08065I Datasheet
509Kb / 6P
   Silicon Carbide Schottky Diode
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com