Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC71000 Datasheet(PDF) 25 Page - Motorola, Inc

Part # MC71000
Description  Bluetooth Baseband Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC71000 Datasheet(HTML) 25 Page - Motorola, Inc

Back Button MC71000 Datasheet HTML 21Page - Motorola, Inc MC71000 Datasheet HTML 22Page - Motorola, Inc MC71000 Datasheet HTML 23Page - Motorola, Inc MC71000 Datasheet HTML 24Page - Motorola, Inc MC71000 Datasheet HTML 25Page - Motorola, Inc MC71000 Datasheet HTML 26Page - Motorola, Inc MC71000 Datasheet HTML 27Page - Motorola, Inc MC71000 Datasheet HTML 28Page - Motorola, Inc MC71000 Datasheet HTML 29Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Functionality Overview
MOTOROLA
MC71000 Advance Information
25
Preliminary
Link key creation using a combination key
x
Initiate change of link key
x
Accept change of link key
x
Change to temporary key (i.e., master link key)
x
Make semi-permanent link key the current link key
(i.e., exit master link key)
x
Encryption
Initiate encryption
x
Accept encryption requests
x
Point-to-point encryption
x
Point-to-point and broadcast encryption
x
Keysizenegotiation(up to 128bit)
x
Start encryption
x
Accept start of encryption
x
Stop encryption
x
Accept stop of encryption
x
Information Requests/Status Requests
Request clock offset information
x
Respond to clock offset requests
x
Send slot offset information
x
Request timing accuracy information
x
Respond to timing accuracy requests
x
Request LM version information
x
Respond to LM version requests
x
Request supported features
x
Respond to supported features requests
x
Request name information
x
Respond to name requests
x
Get link quality
x
Read RSSI
x
Role Switch
Request master/slave switch
x
Accept master/slave switch requests
x
Detach
Table 10. Overview of Link Manager Features (Continued)
Feature
ROM V0.92
and
ROM V2.01
Planned
Future
Features
Support Not
Currently
Planned


Similar Part No. - MC71000

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC711K4CFNE3 FREESCALE-MC711K4CFNE3 Datasheet
2Mb / 290P
   Freescale Semiconductor, Inc.
MC711P2CFNE3 FREESCALE-MC711P2CFNE3 Datasheet
1Mb / 268P
   Low power, high performance M68HC11 CPU core, with 4MHz bus capability
More results

Similar Description - MC71000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS1002 ETC1-IS1002 Datasheet
84Kb / 13P
   Bluetooth Baseband Controller
logo
NXP Semiconductors
PCF87852 PHILIPS-PCF87852 Datasheet
73Kb / 12P
   Bluetooth baseband controller
Rev. 01-23 April 2004
logo
OKI electronic componet...
ML70511LA OKI-ML70511LA Datasheet
156Kb / 26P
   Bluetooth Baseband Controller IC
ML70512 OKI-ML70512 Datasheet
332Kb / 29P
   Bluetooth Baseband Controller IC
ML70Q5110LA OKI-ML70Q5110LA Datasheet
155Kb / 26P
   Bluetooth Baseband Controller IC
ML70Q5111LA OKI-ML70Q5111LA Datasheet
157Kb / 26P
   Bluetooth Baseband Controller IC
ML7055 OKI-ML7055 Datasheet
343Kb / 30P
   Bluetooth Baseband Controller IC
ML7051LA OKI-ML7051LA Datasheet
164Kb / 24P
   Bluetooth Baseband Controller IC
logo
STMicroelectronics
STLC2410B STMICROELECTRONICS-STLC2410B Datasheet
305Kb / 20P
   BLUETOOTH BASEBAND
STLC2411 STMICROELECTRONICS-STLC2411 Datasheet
216Kb / 25P
   BLUETOOTH BASEBAND
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com