Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3180E Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX3180E
Description  -15kV ESD-Protected, 0.5UA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX3180E Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3180E Datasheet HTML 1Page - Maxim Integrated Products MAX3180E Datasheet HTML 2Page - Maxim Integrated Products MAX3180E Datasheet HTML 3Page - Maxim Integrated Products MAX3180E Datasheet HTML 4Page - Maxim Integrated Products MAX3180E Datasheet HTML 5Page - Maxim Integrated Products MAX3180E Datasheet HTML 6Page - Maxim Integrated Products MAX3180E Datasheet HTML 7Page - Maxim Integrated Products MAX3180E Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Detailed Description
The MAX3180E–MAX3183E are EIA/TIA-232 and V.28/
V.24 communications receivers that convert RS-232
signals to CMOS logic levels. They operate on a +3V to
+5.5V supply, have 1.5Mbps data rate capability, and
feature enhanced electrostatic discharge (ESD) protec-
tion (see
ESD Protection). All of these devices achieve
a typical supply current of 0.5µA. The MAX3180E/
MAX3182E have a receiver enable control (EN). The
MAX3181E/MAX3183E contain a signal invalid output
(INVALID). The MAX3180E/MAX3181E invert the ROUT
signal relative to RIN (standard RS-232). The
MAX3182E/MAX3183E outputs are not inverted. The
devices come in tiny SOT23-5 packages.
±15kV ESD-Protected, 0.5µA, +3V to +5.5V,
1.5Mbps RS-232 Receivers in SOT23-5
4
_______________________________________________________________________________________
25
35
30
45
40
55
50
60
3.0
3.5
4.0
4.5
5.0
5.5
RIN TO INVALID LOW vs. VCC
VCC (V)
50%
50%
50%
0
RIN
5V
ROUT
50%
tPLH
tPHL
VOH
VOL
Typical Operating Characteristics (continued)
(VCC = +5V, TA = +25°C, unless otherwise noted.)
5V
0
10V
0
-10V
RIN
ROUT
ENABLE
5V
0
500ns/div
MAX3180E
ENABLE ASSERTION TO ROUT RESPONSE
VCC = 5.0V
RL = 50kΩ
CL = 100pF
1
EN
Receiver Output Enable
Pin Description
NAME
EN
MAX3180E
FUNCTION
MAX3182E
PIN
Output of the Valid Input Detector
2
GND
Ground
GND
3
ROUT
Inverting Receiver Output
4
RIN
Receiver Input
RIN
5
VCC
Supply Voltage
VCC
Figure 1. Receiver Propagation-Delay Timing
Noninverting Receiver Output
ROUT
MAX3181E
MAX3183E
INVALID
GND
ROUT
RIN
VCC
INVALID
GND
ROUT
RIN
VCC


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn