Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3180E Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX3180E
Description  -15kV ESD-Protected, 0.5UA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX3180E Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3180E Datasheet HTML 1Page - Maxim Integrated Products MAX3180E Datasheet HTML 2Page - Maxim Integrated Products MAX3180E Datasheet HTML 3Page - Maxim Integrated Products MAX3180E Datasheet HTML 4Page - Maxim Integrated Products MAX3180E Datasheet HTML 5Page - Maxim Integrated Products MAX3180E Datasheet HTML 6Page - Maxim Integrated Products MAX3180E Datasheet HTML 7Page - Maxim Integrated Products MAX3180E Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
±15kV ESD-Protected, 0.5µA, +3V to +5.5V,
1.5Mbps RS-232 Receivers in SOT23-5
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0V to +5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5.0V, TA = +25°C.) (Note 1)
CONDITIONS
| tPHL - tPLH |, Figure 1
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
CL = 50pF
ns
200
tROE
Receiver Output Enable Time
ns
50
tRS
Receiver Skew
Mbps
1.5
Maximum Data Rate
ns
250
tINVH
Receiver Positive or Negative
Threshold to INVALID High
ns
200
tROD
Receiver Output Disable Time
RIN to ROUT; CL = 150pF
µs
0.15
tPHL
Receiver Propagation Delay,
High-to-Low
RIN to ROUT; CL = 150pF
µs
0.15
tPLH
Receiver Propagation Delay,
Low-to-High
µs
30
tINVL
Receiver Positive or Negative
Threshold to INVALID Low
Typical Operating Characteristics
(VCC = +5V, TA = +25°C, unless otherwise noted.)
0
0.2
0.1
0.4
0.3
0.6
0.5
0.7
0
0.5
1.0
1.5
SUPPLY CURRENT vs. DATA RATE
DATA RATE (Mbps)
RL = 50kΩ
CL = 100pF
VCC = 5V
VCC = 3.3V
230
270
250
290
330
310
350
3.0
3.5
5.0
4.5
4.0
5.5
RIN TO INVALID HIGH
vs. SUPPLY VOLTAGE
VCC (V)
TIMING CHARACTERISTICS
Note 1: Specifications are 100% tested at TA = +25°C. Limits over temperature are guaranteed by design.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn