Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3180E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX3180E
Description  -15kV ESD-Protected, 0.5UA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX3180E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3180E Datasheet HTML 1Page - Maxim Integrated Products MAX3180E Datasheet HTML 2Page - Maxim Integrated Products MAX3180E Datasheet HTML 3Page - Maxim Integrated Products MAX3180E Datasheet HTML 4Page - Maxim Integrated Products MAX3180E Datasheet HTML 5Page - Maxim Integrated Products MAX3180E Datasheet HTML 6Page - Maxim Integrated Products MAX3180E Datasheet HTML 7Page - Maxim Integrated Products MAX3180E Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
±15kV ESD-Protected, 0.5µA, +3V to +5.5V,
1.5Mbps RS-232 Receivers in SOT23-5
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5.0V, TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
RIN to GND ..........................................................................±25V
EN, ROUT, INVALID to GND ......................-0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
SOT23-5 (derate 7.1mW/°C above +70°C)...................571mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VCC = 3.3V or 5V, RIN = VCC or GND, no load
Negative threshold
Positive threshold
VCC = 5.0V
VCC = 3.3V
ISINK = 1.6mA
VCC = 5.0V
VCC = 3.3V
VCC = 3.3V
VCC = 5.0V
CONDITIONS
k
35
7
RRIN
Input Resistance
V
-0.3
0.3
VITOL
RIN Threshold to INVALID
Output Low
V
-2.7
VITOH
2.7
RIN Threshold to INVALID
Output High
mV
300
VHYST
Input Hysteresis
V
1.8
2.7
VITH
Input Threshold High
1.5
2.4
V
0.8
1.5
VITL
Input Threshold Low
0.6
1.2
V
-25
25
VRIN
Input Voltage Range
µA
0.5
5.0
ICC
Supply Current
V
3.0
5.5
VCC
Supply Voltage
V
0.4
VIOL
INVALID Output Voltage Low
µA
±0.01
±1.0
IEN
Leakage Current
V
0.8
VIL
Logic Threshold Low
2.0
V
2.4
VIH
Logic Threshold High
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ISINK = 1.6mA
Receiver disabled
V
0.4
VOL
Output Voltage Low
µA
±0.05
±10
IROUT
Output Leakage Current
ISOURCE = 1.0mA
V
VCC -
VCC -
0.6
0.1
VOH
Output Voltage High
ISOURCE = 1.0mA
V
VCC -
0.6
VIOH
INVALID Output Voltage High
DC CHARACTERISTICS
LOGIC INPUT (EN)
LOGIC OUTPUT
RECEIVER INPUT
RECEIVER OUTPUT


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn