Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M81702FP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. M81702FP
Description  HIGH VOLTAGE HALF BRIDGE DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M81702FP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Mar. 2002
PRELIMINARY
Notice:
This
is not
a final
specification.
Som
e param
etric lim
its are
subject
to change.
MITSUBISHI SEMICONDUCTORS <HVIC>
M81702FP
HIGH VOLTAGE HALF BRIDGE DRIVER
µA
mA
mA
µA
V
V
V
V
V
V
V
V
V
V
µA
µA
V
V
µs
V
V
µs
A
A
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
13.8
6.0
1.4
6.0
1.4
7.5
0.1
7.5
0.1
0.4
0.75
14.4
8.4
6.8
3.1
2.4
8.4
6.8
3.1
2.4
75
8.6
0.4
10
8.6
0.4
10
–2.5
2.5
10
2.5
1
0.7
1.5
10
0.1
9.5
4.1
9.5
4.1
150
1.0
9.7
0.7
9.7
0.7
13
3
350
330
60
30
350
330
60
30
30
30
350
Floating Supply Leakage Current
VBS standby Current
VCC standby Current
VDD standby Current
High Level Output Voltage
Low Level Output Voltage
High Level Input Threshold Voltage
Low Level Input Threshold Voltage
High Level Input Threshold Voltage
Low Level Input Threshold Voltage
Shutdown High Level Input Threshold Voltage
Shutdown Low Level Input Threshold Voltage
Shutdown High Level Input Threshold Voltage
Shutdown Low Level Input Threshold Voltage
High Level Input Bias Current
Low Level Input Bias Current
VBS Supply UV Reset Voltage
VBS Supply UV Hysteresis Voltage
VBS Supply UV Filter Time
VCC Supply UV Reset Voltage
VCC Supply UV Hysteresis Voltage
VCC Supply UV Filter Time
Output High Level Short Circuit Pulsed Current
Output Low Level Short Circuit Pulsed Current
Output High Level On resistance
Output Low Level On resistance
High Side Turn-On Propagation Delay
High Side Turn-Off Propagation Delay
High Side Turn-On Rise Time
High Side Turn-Off Fall Time
Low Side Turn-On Propagation Delay
Low Side Turn-Off Propagation Delay
Low Side Turn-On Rise Time
Low Side Turn-Off Fall Time
Delay Matching, High Side and Low Side Turn-On
Delay Matching, High Side and Low Side Turn-Off
Shutdown Propagation Delay
Symbol
Unit
Parameter
Test conditions
Limits
Min.
Typ.
Max.
VB=VS=600V
IO=0A, LO, HO
IO=0A, LO, HO
HIN, LIN
HIN, LIN
HIN, LIN (VDD=5V)
HIN, LIN (VDD=5V)
SD
SD
SD (VDD=5V)
SD (VDD=5V)
VIN=15V
VIN=0V
VO=0V, VIN=15V, PW<10
µs
VO=15V, VIN=0V, PW<10
µs
IO=–200mA, ROH=(VOH-VO)/IO
IO=200mA, ROL=VO/IO
CL=1000pF between HO – VS
CL=1000pF between HO – VS
CL=1000pF between HO – VS
CL=1000pF between HO – VS
CL=1000pF between LO – GND
CL=1000pF between LO – GND
CL=1000pF between LO – GND
CL=1000pF between LO – GND
|tdLH(HO)-tdLH(LO)|
|tdHL(HO)-tdHL(LO)|
CL=1000pF between HO – VS
CL=1000pF between LO – GND
IFS
IBS
ICC
IDD
VOH
VOL
VIH15
VIL15
VIH5
VIL5
VISDH15
VISDL15
VISDH5
VISDL5
IIH
IIL
VBSuvr
VBSuvh
tVBSuv
VCCuvr
VCCuvh
tVCCuv
IOH
IOL
ROH
ROL
tdLH(HO)
tdHL(HO)
trH
tfH
tdLH(LO)
tdHL(LO)
trL
tfL
∆tdLH
∆tdHL
tSD
ELECTRICAL CHARACTERISTICS (Ta=25
°C, VCC=VBS (=VB–VS)=VDD=15V, LGND=0V unless otherwise specified)


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HIP5500High Voltage IC Half Bridge Gate Driver 1 2 3 4 5 MoreIntersil Corporation
M81700FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
L6569HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR 1 2 3 4 5 MoreSTMicroelectronics
M81701FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
L6571AHIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR 1 2 3 4 5 MoreSTMicroelectronics
M81703FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
M63954PHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M63991FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M63992FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M63994PHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn