Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HA-2870 Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part No. HA-2870
Description  Differential Positive ECL (DPECL)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

HA-2870 Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  HA-2870 Datasheet HTML 1Page - Nel Frequency Controls,inc HA-2870 Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
Differential Positive ECL (DPECL)
HA-2870 Series
Description
The HA-2870 Series of quartz crystal oscillators provide MECL 10K and 10KH series compatible signals in
industry standard four pin DIP hermetic package. Systems designers may now specify space-saving, cost-
effective packaged PECL oscillators to meet their timing requirements.
Features
• Wide frequency range–18.0MHz to 250.0MHz
• User specified tolerance available
• Will withstand vapor phase temperatures of 253°C
for 4 minutes maximum
• Space-saving alternative to discrete component
oscillators
• High shock resistance, to 3000g
• All metal, resistance weld, hermetically sealed
package
• Low Jitter
• MECL 10K and 10KH series compatible output on
Pin 5, complement on Pin 1
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• High frequencies due to proprietary design
• Gold plated leads - Solder dipped leads available
upon request
• RoHS Compliant, Lead Free Construction
(unless solder dipped leads are supplied)
Electrical Connection
Pin
Connection
1
Output Complement
4
V
EE /Ground
5
Output
8
V
CC
Dimensions are in inches and (MM)
CRYSTAL CLOCK OSCILLATORS
Data Sheet 9537A
Rev. N


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SD-A29H0 Differential Positive ECL DPECL Fast Edge 1  2  Nel Frequency Controls,inc
SU-A29F0 Differential Positive ECL DPECL 1  2  Nel Frequency Controls,inc
HK-2900 Differential Positive ECL DPECL 1  2  Nel Frequency Controls,inc
HK-2910 Differential Positive ECL DPECL 1  2  Nel Frequency Controls,inc
HS-2920 Differential Positive ECL DPECL Fast Edge 1  2  Nel Frequency Controls,inc
HS-A2870 Differential Positive ECL DPECL 1  2  Nel Frequency Controls,inc
HS-A2920 Differential Positive ECL DPECL Fast Edge 1  2  Nel Frequency Controls,inc
SJ-2870 Differential Positive ECL DPECL 1  2  Nel Frequency Controls,inc
PJ-B2980 CRYSTAL CLOCK OSCILLATORS Differential Positive ECL DPECL Fast Edge 1  2  Nel Frequency Controls,inc
SJ-A2920 Differential Positive ECL DPECL Fast Edge 1  2  Nel Frequency Controls,inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn