Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVTH162240 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. 74LVTH162240
Description  Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH162240 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74LVTH162240 Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH162240 Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH162240 Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH162240 Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH162240 Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH162240 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Logic Symbol
Connection Diagram
Pin Descriptions
Truth Table
H
HIGH Voltage Level
L
LOW Voltage Level
X
Immaterial
Z
High Impedance
Functional Description
The LVT162240 and LVTH162240 contain sixteen inverting
buffers with 3-STATE standard outputs. The device is nib-
ble (4 bits) controlled with each nibble functioning identi-
cally, but independent of the other. The control pins may be
shorted together to obtain full 16-bit operation. The
3-STATE outputs are controlled by an Output Enable (OEn)
input for each nibble. When OEn is LOW, the outputs are in
2-state mode. When OEn is HIGH, the outputs are in the
high impedance mode, but this does not interfere with
entering new data into the inputs.
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Pin Names
Description
OEn
Output Enable Inputs (Active LOW)
I0–I15
Inputs
O0–O15
3-STATE Outputs
Inputs
Outputs
OE1
I0–I3
O0–O3
LL
H
LH
L
HX
Z
Inputs
Outputs
OE2
I4–I7
O4–O7
LL
H
LH
L
HX
Z
Inputs
Outputs
OE3
I8–I11
O8–O11
LL
H
LH
L
HX
Z
Inputs
Outputs
OE4
I12–I15
O12–O15
LL
H
LH
L
HX
Z


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74LVT162244Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVT162245Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25ohm Series Resistors in A Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162240Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVTH162373Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVTH162374Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCXH162240Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCH162240Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCXZ162244Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162240Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVTH322374Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25Ω Series Resistors in the Outputs Preliminary 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn