Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVTH162240 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 74LVTH162240
Description  Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH162240 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74LVTH162240 Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH162240 Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH162240 Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH162240 Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH162240 Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH162240 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
Note 5: All typical values are at VCC
3.3V, TA
25
qC.
Note 6: Applies to bushold versions only (74LVTH162240).
Note 7: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 8: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
Note 9: This is the increase in supply current for each input that is at the specified voltage level rather than VCC or GND.
Dynamic Switching Characteristics (Note 10)
Note 10: Characterized in SSOP package. Guaranteed parameter, but not tested.
Note 11: Max number of outputs defined as (n). n
1 data inputs are driven 0V to 3V. Output under test held LOW.
AC Electrical Characteristics
Note 12: All typical values are at VCC 3.3V, TA 25qC.
Note 13: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Capacitance (Note 14)
Note 14: Capacitance is measured at frequency f
1 MHz, per MIL-STD-883, Method 3012.
Symbol
Parameter
VCC
(V)
TA 40qC to 85qC
Units
Conditions
Min
Typ
Max
(Note 5)
ICCZ
Power Supply Current
3.6
0.19
mA
VCC d VO d 5.5V,
Outputs Disabled
'ICC
Increase in Power Supply Current
3.6
0.2
mA
One Input at VCC  0.6V
(Note 9)
Other Inputs at VCC or GND
Symbol
Parameter
VCC
TA 25qC
Units
Conditions
(V)
Min
Typ
Max
CL 50 pF, RL 500:
VOLP
Quiet Output Maximum Dynamic VOL
3.3
0.8
V
(Note 11)
VOLV
Quiet Output Minimum Dynamic VOL
3.3
0.8
V
(Note 11)
Symbol
Parameter
TA 40qC to 85qC, CL 50 pF, RL 500:
Units
VCC 3.3V r 0.3V
VCC 2.7V
Min
Typ
Max
Min
Max
(Note 12)
tPLH
Propagation Delay Data to Output
1.0
4.0
1.0
4.8
ns
tPHL
1.0
4.0
1.0
4.6
tPZH
Output Enable Time
1.0
4.8
1.0
5.7
ns
tPZL
1.0
4.9
1.0
6.1
tPHZ
Output Disable Time
2.0
4.9
2.0
5.4
ns
tPLZ
2.0
4.5
2.0
4.5
tOSHL
Output to Output Skew
1.0
1.0
ns
tOSLH
(Note 13)
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC 0V, VI 0V or VCC
4pF
COUT
Output Capacitance
VCC 3.0V, VO 0V or VCC
8pF


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74LVT162244Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVT162245Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25ohm Series Resistors in A Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162240Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVTH162373Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVTH162374Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCXH162240Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCH162240Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCXZ162244Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162240Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVTH322374Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25Ω Series Resistors in the Outputs Preliminary 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn